Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MB90350E Datasheet(PDF) 19 Page - Fujitsu Component Limited.

No. de Pieza. MB90350E
Descripción  16-bit Proprietary Microcontrollers
Descarga  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FUJITSU [Fujitsu Component Limited.]
Página de inicio  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90350E Datasheet(HTML) 19 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 19 / 85 page
background image
MB90350E Series
19
(Continued)
* : For the I/O circuit type, refer to “
■ I/O CIRCUIT TYPE”.
Pin No.
Pin name
I/O
Circuit
type*
Function
61
P37
G
General purpose I/O port. The register can be set to select whether to use
a pull-up resistor. This function is enabled either in single-chip mode or with
the CLK output disabled.
CLK
CLK output pin. This function is enabled when both the external bus and
CLK output are enabled.
OUT7
Wave form output pin for output compare OCU7
62, 63
P60, P61
I
General purpose I/O ports
AN0, AN1
Analog input pins for A/D converter
64
AVCC
KVCC power input pin for analog circuits
2
AVRH
L
Reference voltage input for the A/D converter. This power supply must be
turned on or off while a voltage higher than or equal to AVRH is applied to
AVCC.
1AVSS
KVSS power input pin for analog circuits
22, 23
MD1, MD0
C
Input pins for specifying the operating mode
21
MD2
D
Input pin for specifying the operating mode
49
VCC
Power (3.5 V to 5.5 V) input pin
18, 48
VSS
Power (0 V) input pins
50
C
K
This is the power supply stabilization capacitor pin. It should be connected
to a higher than or equal to 0.1
µF ceramic capacitor.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn