Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MB90350E Datasheet(PDF) 27 Page - Fujitsu Component Limited.

No. de Pieza. MB90350E
Descripción  16-bit Proprietary Microcontrollers
Descarga  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FUJITSU [Fujitsu Component Limited.]
Página de inicio  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90350E Datasheet(HTML) 27 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 27 / 85 page
background image
MB90350E Series
27
18. Low voltage/CPU operation reset circuit
The low voltage detection reset circuit is a function that monitors power supply voltage in order to detect when
a voltage drops below a given voltage level. When a low voltage condition is detected, an internal reset signal
is generated.
The CPU operation detection reset circuit is a 20-bit counter that uses oscillation as a count clock and generates
an internal reset signal if not cleared within a given time after startup.
(1) Low voltage detection reset circuit
When a low voltage condition is detected, the low voltage detection flag (LVRC : LVRF) is set to “1” and an
internal reset signal is output.
Because the low voltage detection reset circuit continues to operate even in stop mode, detection of a low voltage
condition generates an internal reset and releases stop mode.
During an internal RAM write cycle, low voltage reset is generated after the completion of writing. During the
output of this internal reset, the reset output from the low voltage detection reset circuit is suppressed.
(2) CPU operation detection reset circuit
The CPU operation detection reset circuit is a counter that prevents program runaway. The counter starts
automatically after a power-on reset, and must be continually and regularly cleared within a given time. If the
given time interval elapses and the counter has not been cleared, a cause such as infinite program looping is
assumed and an internal reset signal is generated. The internal reset generated from the CPU operation detection
circuit has a width of 5 machine cycles.
* : This value assumes the interval time at an oscillation clock frequency of 4 MHz.
During recovery from standby mode, the detection period is the maximum interval plus 20
µs.
This circuit does not operate in modes where CPU operation is stopped.
The CPU operation detection reset circuit counter is cleared under any of the following conditions.
• “0” writing to CL bit of LVRC register
• Internal reset
• Main oscillation clock stop
• Transit to sleep mode
• Transit to timebase timer mode and watch mode
19. Internal CR oscillation circuit
Detection voltage
4.0 V
± 0.3 V
Interval time
220/FC (approx. 262 ms*)
Parameter
Symbol
Value
Unit
Min
Typ
Max
Oscillation frequency
fRC
50
100
200
kHz
Oscillation stabilization
wait time
tstab
⎯⎯
100
µs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn