Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MB90350E Datasheet(PDF) 33 Page - Fujitsu Component Limited.

No. de Pieza. MB90350E
Descripción  16-bit Proprietary Microcontrollers
Descarga  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FUJITSU [Fujitsu Component Limited.]
Página de inicio  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90350E Datasheet(HTML) 33 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 33 / 85 page
background image
MB90350E Series
33
■ I/O MAP
(Continued)
Address
Register
Abbreviation Access
Resource name
Initial value
000000H
Port 0 Data Register
PDR0
R/W
Port 0
XXXXXXXXB
000001H
Port 1 Data Register
PDR1
R/W
Port 1
XXXXXXXXB
000002H
Port 2 Data Register
PDR2
R/W
Port 2
XXXXXXXXB
000003H
Port 3 Data Register
PDR3
R/W
Port 3
XXXXXXXXB
000004H
Port 4 Data Register
PDR4
R/W
Port 4
XXXXXXXXB
000005H
Port 5 Data Register
PDR5
R/W
Port 5
XXXXXXXXB
000006H
Port 6 Data Register
PDR6
R/W
Port 6
XXXXXXXXB
000007H
to
00000AH
Reserved
00000BH
Port 5 Analog Input Enable Register
ADER5
R/W
Port 5, A/D
11111111B
00000CH
Port 6 Analog Input Enable Register
ADER6
R/W
Port 6, A/D
11111111B
00000DH
Reserved
00000EH
Input Level Select Register 0
ILSR0
R/W
Ports
00000000B
00000FH
Input Level Select Register 1
ILSR1
R/W
Ports
00000000B
000010H
Port 0 Direction Register
DDR0
R/W
Port 0
00000000B
000011H
Port 1 Direction Register
DDR1
R/W
Port 1
00000000B
000012H
Port 2 Direction Register
DDR2
R/W
Port 2
XX000000B
000013H
Port 3 Direction Register
DDR3
R/W
Port 3
00000000B
000014H
Port 4 Direction Register
DDR4
R/W
Port 4
XX000000B
000015H
Port 5 Direction Register
DDR5
R/W
Port 5
X0000000B
000016H
Port 6 Direction Register
DDR6
R/W
Port 6
00000000B
000017H
to
000019H
Reserved
00001AH
SIN input Level Setting Register
DDRA
W
UART2, UART3
X00XXXXXB
00001BH
Reserved
00001CH
Port 0 Pull-up Control Register
PUCR0
R/W
Port 0
00000000B
00001DH
Port 1 Pull-up Control Register
PUCR1
R/W
Port 1
00000000B
00001EH
Port 2 Pull-up Control Register
PUCR2
R/W
Port 2
00000000B
00001FH
Port 3 Pull-up Control Register
PUCR3
R/W
Port 3
00000000B
000020H
to
000037H
Reserved


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn