Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMS7621-015 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

No. de pieza SMS7621-015
Descripción Electrónicos  Surface Mount Mixer and Detector Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMS7621-015 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SMS7621-015 Datasheet HTML 1Page - Skyworks Solutions Inc. SMS7621-015 Datasheet HTML 2Page - Skyworks Solutions Inc. SMS7621-015 Datasheet HTML 3Page - Skyworks Solutions Inc. SMS7621-015 Datasheet HTML 4Page - Skyworks Solutions Inc. SMS7621-015 Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DATA SHEET • SURFACE MOUNT MIXER AND DETECTOR SCHOTTKY DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200041 Rev. C • Skyworks Proprietary Information. • Products and product information are subject to change without notice. • February 15, 2005
3
Parameter
Unit
SMS1546
SMS7621
SMS7630
IS
A
3E-7
4E-8
5E-06
RS
412
20
N
1.04
1.05
1.05
TT
s
1E-11
1E-11
1E-11
CJ0
pF
0.38
0.10
0.14
M
0.36
0.35
0.40
EG
eV
0.69
0.69
0.69
XTI
2
2
2
FC
0.5
0.5
0.5
BV
V3
3
2
IBV
A
1E-5
1E-5
1E-4
VJ
V
0.51
0.51
0.34
SPICE Model Parameters (Per Junction)
Typical Detector Characteristics @ 1.8 GHz
1.00
10.00
100.00
1000.00
10000.00
-30
-20
-10
0
10
Input Power (dBm)
50
RF Input
10 M
Video Output
RFC
Recommended Solder Reflow Profiles
Refer to the “Recommended Solder Reflow Profile”
Application Note.


Número de pieza similar - SMS7621-015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SMS7621-040LF SKYWORKS-SMS7621-040LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SMS7621-060 SKYWORKS-SMS7621-060 Datasheet
368Kb / 7P
   SMS7621-060: Surface Mount, 0201 Low-Barrier Silicon Schottky Diode
SMS7621-060 SKYWORKS-SMS7621-060 Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SMS7621-060 SKYWORKS-SMS7621-060_15 Datasheet
753Kb / 7P
   Surface Mount, 0201 Low-Barrier Silicon Schottky Diode
SMS7621-079LF SKYWORKS-SMS7621-079LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Descripción similar - SMS7621-015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SMS7621 SKYWORKS-SMS7621 Datasheet
74Kb / 5P
   Surface Mount Mixer and Detector Schottky Diodes
logo
Alpha Industries
SMS1546 ALPHA-SMS1546 Datasheet
171Kb / 3P
   Surface Mount Mixer and Detector Schottky Diodes
logo
Skyworks Solutions Inc.
SMSA3923-011LF SKYWORKS-SMSA3923-011LF Datasheet
288Kb / 5P
   Surface Mount Mixer/Detector Schottky Diode
logo
Broadcom Corporation.
HSMS-2865 BOARDCOM-HSMS-2865 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2863 BOARDCOM-HSMS-2863 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286C BOARDCOM-HSMS-286C Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286E BOARDCOM-HSMS-286E Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286K BOARDCOM-HSMS-286K Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2860 AVAGO-HSMS-2860_15 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-286B BOARDCOM-HSMS-286B Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com