Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC908QC8CDXER Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

No. de pieza MC908QC8CDXER
Descripción Electrónicos  Microcontrollers
Download  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QC8CDXER Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MC908QC8CDXER Datasheet HTML 52Page - Freescale Semiconductor, Inc MC908QC8CDXER Datasheet HTML 53Page - Freescale Semiconductor, Inc MC908QC8CDXER Datasheet HTML 54Page - Freescale Semiconductor, Inc MC908QC8CDXER Datasheet HTML 55Page - Freescale Semiconductor, Inc MC908QC8CDXER Datasheet HTML 56Page - Freescale Semiconductor, Inc MC908QC8CDXER Datasheet HTML 57Page - Freescale Semiconductor, Inc MC908QC8CDXER Datasheet HTML 58Page - Freescale Semiconductor, Inc MC908QC8CDXER Datasheet HTML 59Page - Freescale Semiconductor, Inc MC908QC8CDXER Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 274 page
background image
Analog-to-Digital Converter (ADC10) Module
MC68HC908QC16 • MC68HC908QC8 • MC68HC908QC4 Data Sheet, Rev. 2
56
Freescale Semiconductor
3.8.2 ADC10 Result High Register (ADRH)
This register holds the MSBs of the result and is updated each time a conversion completes. All other bits
read as 0s. Reading ADRH prevents the ADC10 from transferring subsequent conversion results into the
result registers until ADRL is read. If ADRL is not read until the after next conversion is completed, then
the intermediate conversion result will be lost. In 8-bit mode, this register contains no interlocking with
ADRL.
3.8.3 ADC10 Result Low Register (ADRL)
This register holds the LSBs of the result. This register is updated each time a conversion completes.
Reading ADRH prevents the ADC10 from transferring subsequent conversion results into the result
registers until ADRL is read. If ADRL is not read until the after next conversion is completed, then the
intermediate conversion result will be lost. In 8-bit mode, there is no interlocking with ADRH.
3.8.4 ADC10 Clock Register (ADCLK)
This register selects the clock frequency for the ADC10 and the modes of operation.
Bit 7
654321
Bit 0
Read:
00000000
Write:
Reset:
00000000
= Unimplemented
Figure 3-4. ADC10 Data Register High (ADRH), 8-Bit Mode
Bit 7
654321
Bit 0
Read:
000000
AD9
AD8
Write:
Reset:
00000000
= Unimplemented
Figure 3-5. ADC10 Data Register High (ADRH), 10-Bit Mode
Bit 7
654321
Bit 0
Read:
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
Write:
Reset:
00000000
= Unimplemented
Figure 3-6. ADC10 Data Register Low (ADRL)
Bit 7
654321
Bit 0
Read:
ADLPC
ADIV1
ADIV0
ADICLK
MODE1
MODE0
ADLSMP
ACLKEN
Write:
Reset:
00000000
Figure 3-7. ADC10 Clock Register (ADCLK)


Número de pieza similar - MC908QC8CDXER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC908QC8CDXE FREESCALE-MC908QC8CDXE Datasheet
3Mb / 274P
   Microcontrollers
MC908QC8CDXE FREESCALE-MC908QC8CDXE Datasheet
3Mb / 274P
   M68HC08 Microcontrollers
More results

Descripción similar - MC908QC8CDXER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com