Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC908QC8CDXER Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

No. de pieza MC908QC8CDXER
Descripción Electrónicos  Microcontrollers
Download  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QC8CDXER Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button MC908QC8CDXER Datasheet HTML 84Page - Freescale Semiconductor, Inc MC908QC8CDXER Datasheet HTML 85Page - Freescale Semiconductor, Inc MC908QC8CDXER Datasheet HTML 86Page - Freescale Semiconductor, Inc MC908QC8CDXER Datasheet HTML 87Page - Freescale Semiconductor, Inc MC908QC8CDXER Datasheet HTML 88Page - Freescale Semiconductor, Inc MC908QC8CDXER Datasheet HTML 89Page - Freescale Semiconductor, Inc MC908QC8CDXER Datasheet HTML 90Page - Freescale Semiconductor, Inc MC908QC8CDXER Datasheet HTML 91Page - Freescale Semiconductor, Inc MC908QC8CDXER Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 274 page
background image
Keyboard Interrupt Module (KBI)
MC68HC908QC16 • MC68HC908QC8 • MC68HC908QC4 Data Sheet, Rev. 2
88
Freescale Semiconductor
The keyboard flag bit (KEYF) in KBSCR can be read to check for pending interrupts. The KEYF bit is not
affected by IMASKK, which makes it useful in applications where polling is preferred.
NOTE
Setting a keyboard interrupt enable bit (KBIEx) forces the corresponding
keyboard interrupt pin to be an input, overriding the data direction register.
However, the data direction register bit must be a 0 for software to read the
pin.
8.3.2 Keyboard Initialization
When a keyboard interrupt pin is enabled, it takes time for the internal pullup or pulldown device to pull
the pin to its deasserted level. Therefore a false interrupt can occur as soon as the pin is enabled.
To prevent a false interrupt on keyboard initialization:
1.
Mask keyboard interrupts by setting IMASKK in KBSCR.
2.
Enable the KBI polarity by setting the appropriate KBIPx bits in KBIPR.
3.
Enable the KBI pins by setting the appropriate KBIEx bits in KBIER.
4.
Write to ACKK in KBSCR to clear any false interrupts.
5.
Clear IMASKK.
An interrupt signal on an edge sensitive pin can be acknowledged immediately after enabling the pin. An
interrupt signal on an edge and level sensitive pin must be acknowledged after a delay that depends on
the external load.
8.4 Interrupts
The following KBI source can generate interrupt requests:
Keyboard flag (KEYF) — The KEYF bit is set when any enabled KBI pin is asserted based on the KBI
mode and pin polarity. The keyboard interrupt mask bit, IMASKK, is used to enable or disable KBI
interrupt requests.
8.5 Low-Power Modes
The WAIT and STOP instructions put the MCU in low power-consumption standby modes.
8.5.1 Wait Mode
The KBI module remains active in wait mode. Clearing IMASKK in KBSCR enables keyboard interrupt
requests to bring the MCU out of wait mode.
8.5.2 Stop Mode
The KBI module remains active in stop mode. Clearing IMASKK in KBSCR enables keyboard interrupt
requests to bring the MCU out of stop mode.


Número de pieza similar - MC908QC8CDXER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC908QC8CDXE FREESCALE-MC908QC8CDXE Datasheet
3Mb / 274P
   Microcontrollers
MC908QC8CDXE FREESCALE-MC908QC8CDXE Datasheet
3Mb / 274P
   M68HC08 Microcontrollers
More results

Descripción similar - MC908QC8CDXER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com