Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


MC908QC8MDXER Datasheet(Hoja de datos) 86 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QC8MDXER
Descripción  Microcontrollers
Descarga  274 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

 86 page
background image
Keyboard Interrupt Module (KBI)
MC68HC908QC16 • MC68HC908QC8 • MC68HC908QC4 Data Sheet, Rev. 2
86
Freescale Semiconductor
Figure 8-2. Block Diagram Highlighting KBI Block and Pins
All port pins can be configured with internal pullup
PTC not available on 16-pin devices (see note in 11.1 Introduction)
PTD not available on 16-pin or 20-pin devices (see note in 11.1 Introduction)
PTA0/T1CH0/AD0/KBI0
PTA1/T1CH1/AD1/KBI1
PTA2/IRQ/KBI2/T1CLK
PTA3/RST/KBI3
PTA4/OSC2/AD2/KBI4
PTA5/OSC1/AD3/KBI5
4-CHANNEL 16-BIT
TIMER MODULE
KEYBOARD INTERRUPT
MODULE
SINGLE INTERRUPT
MODULE
PERIODIC WAKEUP
LOW-VOLTAGE
INHIBIT
COP
MODULE
10-CHANNEL
10-BIT ADC
ENHANCED SERIAL
PTB0/SPSCK/AD4
M68HC08 CPU
PTB1/MOSI/T2CH1/AD5
PTB2/MISO/T2CH0/AD6
PTB3/SS/T2CLK/AD7
PTB4/RxD/T2CH0/AD8
PTB5/TxD/T2CH1/AD9
PTB6/T1CH2
PTB7/T1CH3
POWER SUPPLY
VDD
VSS
CLOCK
GENERATOR
COMMUNICATIONS
INTERFACE MODULE
MODULE
SERIAL PERIPHERAL
INTERFACE
16,384 BYTES
MC68HC908QC16
8192 BYTES
MC68HC908QC8
512 BYTES
MC68HC908QC16
384 BYTES
MC68HC908QC8
BREAK
MODULE
MONITOR ROM
2-CHANNEL 16-BIT
TIMER MODULE
PTC0
PTC1
PTC2
PTC3
PTD0
PTD1
PTD2
PTD3
PTD4
PTD5
PTD6
PTD7
MC68HC908QC4
USER RAM
USER FLASH
4096 BYTES
384 BYTES
MC68HC908QC4




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
Z86E72OTP IR MICROCONTROLLERS 1 2 3 4 5 MoreZilog, Inc.
AT91SC512384RCT32-bit Secure Microcontrollers 1 2 3 4 5 ATMEL Corporation
AT91SAM7X256AT91 ARM Thumb-based Microcontrollers 1 2 3 4 5 MoreATMEL Corporation
MC9S08AW60Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
AT91SAM7XC512ARM Thumb-based Microcontrollers 1 2 3 4 5 MoreATMEL Corporation
MC68HC908JG16Microcontrollers 1 2 3 4 5 MoreMotorola, Inc
PCA84C6408-bit microcontrollers with OSD and VST 1 2 3 4 5 MoreNXP Semiconductors

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl