Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC908QC4CDZER Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

No. de pieza MC908QC4CDZER
Descripción Electrónicos  Microcontrollers
Download  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QC4CDZER Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MC908QC4CDZER Datasheet HTML 20Page - Freescale Semiconductor, Inc MC908QC4CDZER Datasheet HTML 21Page - Freescale Semiconductor, Inc MC908QC4CDZER Datasheet HTML 22Page - Freescale Semiconductor, Inc MC908QC4CDZER Datasheet HTML 23Page - Freescale Semiconductor, Inc MC908QC4CDZER Datasheet HTML 24Page - Freescale Semiconductor, Inc MC908QC4CDZER Datasheet HTML 25Page - Freescale Semiconductor, Inc MC908QC4CDZER Datasheet HTML 26Page - Freescale Semiconductor, Inc MC908QC4CDZER Datasheet HTML 27Page - Freescale Semiconductor, Inc MC908QC4CDZER Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 274 page
background image
General Description
MC68HC908QC16 • MC68HC908QC8 • MC68HC908QC4 Data Sheet, Rev. 2
24
Freescale Semiconductor
1.6 Pin Function Priority
Table 1-3 is meant to resolve the priority if multiple functions are enabled on a single pin.
NOTE
Upon reset all pins come up as input ports regardless of the priority table.
1.7 Unused Pin Termination
Input pins and I/O port pins that are not used in the application must be terminated. This prevents excess
current caused by floating inputs, and enhances immunity during noise or transient events. Termination
methods include:
1.
Configuring unused pins as outputs and driving high or low;
2.
Configuring unused pins as inputs and enabling internal pull-ups;
3.
Configuring unused pins as inputs and using external pull-up or pull-down resistors.
Never connect unused pins directly to VDD or VSS.
Since some general-purpose I/O pins are not available on all packages, these pins must be terminated
as well. Either method 1 or 2 above are appropriate.
Table 1-3. Function Priority in Shared Pins
Pin Name
Highest-to-Lowest Priority Sequence
PTA0(1)
1. When a pin is to be used as an ADC pin, the I/O port function should be left as
an input and all other shared modules should be disabled. The ADC does not
override additional modules using the pin.
AD0
→ T1CH0 → KBI0 → PTA0
PTA1(1)
AD1
→ T1CH1 → KBI1 → PTA1
PTA2
IRQ
→ T1CLK → KBI2 → PTA2
PTA3
RST
→ KBI3 → PTA3
PTA4(1)
OSC2
→ AD2 → KBI4 → PTA4
PTA5(1)
OSC1
→ AD3 → KBI5 → PTA5
PTB0(1)
AD4
→ SPSCK → PTB0
PTB1(1)
AD5
→ MOSI → T2CH1(2) → PTB1
2. T2CH0 and T2CH1 can be repositioned using TIM2POS in CONFIG2
(see Figure 2-2. Control, Status, and Data Registers).
PTB2(1)
AD6
→ MISO → T2CH0(2) → PTB2
PTB3(1)
AD7
→ SS → T2CLK → PTB3
PTB4(1)
AD8
→ RxD → T2CH0(2) → PTB4
PTB5(1)
AD9
→ TxD → T2CH1(2) → PTB5
PTB6
T1CH2
→ PTB6
PTB7
T1CH3
→ PTB7
PTCx
PTCx
PTDx
PTDx


Número de pieza similar - MC908QC4CDZER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC908QC4CDRE FREESCALE-MC908QC4CDRE Datasheet
3Mb / 274P
   Microcontrollers
MC908QC4CDRE FREESCALE-MC908QC4CDRE Datasheet
3Mb / 274P
   M68HC08 Microcontrollers
More results

Descripción similar - MC908QC4CDZER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com