Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC908QC8VDSER Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

No. de pieza MC908QC8VDSER
Descripción Electrónicos  Microcontrollers
Download  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QC8VDSER Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MC908QC8VDSER Datasheet HTML 13Page - Freescale Semiconductor, Inc MC908QC8VDSER Datasheet HTML 14Page - Freescale Semiconductor, Inc MC908QC8VDSER Datasheet HTML 15Page - Freescale Semiconductor, Inc MC908QC8VDSER Datasheet HTML 16Page - Freescale Semiconductor, Inc MC908QC8VDSER Datasheet HTML 17Page - Freescale Semiconductor, Inc MC908QC8VDSER Datasheet HTML 18Page - Freescale Semiconductor, Inc MC908QC8VDSER Datasheet HTML 19Page - Freescale Semiconductor, Inc MC908QC8VDSER Datasheet HTML 20Page - Freescale Semiconductor, Inc MC908QC8VDSER Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 274 page
background image
MC68HC908QC16 • MC68HC908QC8 • MC68HC908QC4 Data Sheet, Rev. 2
Freescale Semiconductor
17
Chapter 1
General Description
1.1 Introduction
The MC68HC908QC16, MC68HC908QC8, and MC68HC908QC4 are members of the low-cost,
high-performance M68HC08 Family of 8-bit microcontroller units (MCUs). All MCUs in the family use the
enhanced M68HC08 central processor unit (CPU08) and are available with a variety of modules, memory
sizes and types, and package types.
0.4
1.2 Features
Features include:
High-performance M68HC08 CPU core
Fully upward-compatible object code with M68HC05 Family
5.0-V and 3.3-V operating voltages (VDD)
8-MHz internal bus operation at 5 V, 4-MHz at 3.3 V
Trimmable internal oscillator
Software selectable 1 MHz, 2 MHz, 3.2 MHz, or 6.4 MHz internal bus operation
8-bit trim capability
± 25% untrimmed
Trimmable to approximately 0.4%(1)
Software selectable crystal oscillator range, 32–100 kHz, 1–8 MHz, and 8–32 MHz
Software configurable input clock from either internal or external source
Auto wakeup from STOP capability using dedicated internal 32-kHz RC or bus clock source
FLASH security(2)
On-chip in-application programmable FLASH memory (with internal program/erase voltage
generation)
Table 1-1. Summary of Device Variations
Device
FLASH
Memory Size
RAM
Pin Count
MC68HC908QC16
16 Kbytes
512 bytes
16, 20, 28 pins
MC68HC908QC8
8 Kbytes
384 bytes
16, 20, 28 pins
MC68HC908QC4
4 Kbytes
384 bytes
16, 20, 28 pins
1. See 19.11 Oscillator Characteristics for internal oscillator specifications
2. No security feature is absolutely secure. However, Freescale’s strategy is to make reading or copying the FLASH difficult for
unauthorized users.


Número de pieza similar - MC908QC8VDSER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC908QC8VDSE FREESCALE-MC908QC8VDSE Datasheet
3Mb / 274P
   Microcontrollers
MC908QC8VDSE FREESCALE-MC908QC8VDSE Datasheet
3Mb / 274P
   M68HC08 Microcontrollers
More results

Descripción similar - MC908QC8VDSER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com