Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC908QC4MDSER Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

No. de pieza MC908QC4MDSER
Descripción Electrónicos  Microcontrollers
Download  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QC4MDSER Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MC908QC4MDSER Datasheet HTML 78Page - Freescale Semiconductor, Inc MC908QC4MDSER Datasheet HTML 79Page - Freescale Semiconductor, Inc MC908QC4MDSER Datasheet HTML 80Page - Freescale Semiconductor, Inc MC908QC4MDSER Datasheet HTML 81Page - Freescale Semiconductor, Inc MC908QC4MDSER Datasheet HTML 82Page - Freescale Semiconductor, Inc MC908QC4MDSER Datasheet HTML 83Page - Freescale Semiconductor, Inc MC908QC4MDSER Datasheet HTML 84Page - Freescale Semiconductor, Inc MC908QC4MDSER Datasheet HTML 85Page - Freescale Semiconductor, Inc MC908QC4MDSER Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 274 page
background image
External Interrupt (IRQ)
MC68HC908QC16 • MC68HC908QC8 • MC68HC908QC4 Data Sheet, Rev. 2
82
Freescale Semiconductor
7.3.2 MODE = 0
If the MODE bit is clear, the IRQ pin is falling edge sensitive only. With MODE clear, an IRQ vector fetch
or software clear immediately clears the IRQ latch.
The IRQF bit in INTSCR can be read to check for pending interrupts. The IRQF bit is not affected by
IMASK, which makes it useful in applications where polling is preferred.
NOTE
When using the level-sensitive interrupt trigger, avoid false IRQ interrupts
by masking interrupt requests in the interrupt routine.
7.4 Interrupts
The following IRQ source can generate interrupt requests:
Interrupt flag (IRQF) — The IRQF bit is set when the IRQ pin is asserted based on the IRQ mode.
The IRQ interrupt mask bit, IMASK, is used to enable or disable IRQ interrupt requests.
7.5 Low-Power Modes
The WAIT and STOP instructions put the MCU in low power-consumption standby modes.
7.5.1 Wait Mode
The IRQ module remains active in wait mode. Clearing IMASK in INTSCR enables IRQ interrupt requests
to bring the MCU out of wait mode.
7.5.2 Stop Mode
The IRQ module remains active in stop mode. Clearing IMASK in INTSCR enables IRQ interrupt requests
to bring the MCU out of stop mode.
7.6 IRQ Module During Break Interrupts
The system integration module (SIM) controls whether status bits in other modules can be cleared during
the break state. The BCFE bit in the break flag control register (BFCR) enables software to clear status
bits during the break state. See BFCR in the SIM section of this data sheet.
To allow software to clear status bits during a break interrupt, write a 1 to BCFE. If a status bit is cleared
during the break state, it remains cleared when the MCU exits the break state.
To protect status bits during the break state, write a 0 to BCFE. With BCFE cleared (its default state),
software can read and write registers during the break state without affecting status bits. Some status bits
have a two-step read/write clearing procedure. If software does the first step on such a bit before the
break, the bit cannot change during the break state as long as BCFE is cleared. After the break, doing the
second step clears the status bit.


Número de pieza similar - MC908QC4MDSER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC908QC4CDRE FREESCALE-MC908QC4CDRE Datasheet
3Mb / 274P
   Microcontrollers
MC908QC4CDRE FREESCALE-MC908QC4CDRE Datasheet
3Mb / 274P
   M68HC08 Microcontrollers
More results

Descripción similar - MC908QC4MDSER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com