Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC191ME4 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza CD74HC191ME4
Descripción Electrónicos  SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC191ME4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CD74HC191ME4 Datasheet HTML 7Page - Texas Instruments CD74HC191ME4 Datasheet HTML 8Page - Texas Instruments CD74HC191ME4 Datasheet HTML 9Page - Texas Instruments CD74HC191ME4 Datasheet HTML 10Page - Texas Instruments CD74HC191ME4 Datasheet HTML 11Page - Texas Instruments CD74HC191ME4 Datasheet HTML 12Page - Texas Instruments CD74HC191ME4 Datasheet HTML 13Page - Texas Instruments CD74HC191ME4 Datasheet HTML 14Page - Texas Instruments CD74HC191ME4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
CD54HC190, CD74HC190
CD54HC191, CD74HC191, CD54HCT191, CD74HCT191
SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
SCHS275E − MARCH 2002 − REVISED OCTOBER 2003
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output drain current per output, IO (VO = 0 to VCC)
±35 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output source or sink current per output, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): E package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
M package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
64
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
108
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions for ’HC190 and ’HC191 (see Note 3)
TA = 25°C
TA = −55°C
TO 125
°C
TA = −40°C
TO 85
°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
2
6
2
6
2
6
V
VCC = 2 V
1.5
1.5
1.5
VIH
High-level input voltage
VCC = 4.5 V
3.15
3.15
3.15
V
VIH
High-level input voltage
VCC = 6 V
4.2
4.2
4.2
V
VCC = 2 V
0.5
0.5
0.5
VIL
Low-level input voltage
VCC = 4.5 V
1.35
1.35
1.35
V
VIL
Low-level input voltage
VCC = 6 V
1.8
1.8
1.8
V
VI
Input voltage
0
VCC
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
0
VCC
V
VCC = 2 V
1000
1000
1000
tt
Input transition (rise and fall) time
VCC = 4.5 V
500
500
500
ns
tt
Input transition (rise and fall) time
VCC = 6 V
400
400
400
ns
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
recommended operating conditions for ’HCT191 (see Note 4)
TA = 25°C
TA = −55°C
TO 125
°C
TA = −40°C
TO 85
°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
2
V
VIL
Low-level input voltage
0.8
0.8
0.8
V
VI
Input voltage
VCC
VCC
VCC
V
VO
Output voltage
VCC
VCC
VCC
V
tt
Input transition (rise and fall) time
500
500
500
ns
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Número de pieza similar - CD74HC191ME4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC191M TI1-CD74HC191M Datasheet
1Mb / 31P
[Old version datasheet]   SYNCHORONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
CD74HC191M96 TI1-CD74HC191M96 Datasheet
1Mb / 31P
[Old version datasheet]   SYNCHORONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
CD74HC191MG4 TI1-CD74HC191MG4 Datasheet
1Mb / 31P
[Old version datasheet]   SYNCHORONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
CD74HC191MT TI1-CD74HC191MT Datasheet
1Mb / 31P
[Old version datasheet]   SYNCHORONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
More results

Descripción similar - CD74HC191ME4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54190 TI-SN54190 Datasheet
512Kb / 14P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
SN54190 TI1-SN54190_13 Datasheet
1Mb / 16P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
CD54HC190 TI1-CD54HC190_15 Datasheet
1Mb / 31P
[Old version datasheet]   SYNCHORONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
logo
National Semiconductor ...
MM54HC190 NSC-MM54HC190 Datasheet
202Kb / 8P
   MM54HC190/MM74HC190 Synchronous Decade Up/Down Counters with Mode Control MM54HC191/MM74HC191 Synchronous Binary Up/Down Counters with Mode Control
DM54LS190 NSC-DM54LS190 Datasheet
174Kb / 8P
   Synchronous 4-Bit Up/Down Counters with Mode Control
MM54HC192 NSC-MM54HC192 Datasheet
180Kb / 8P
   Synchronous Decade Up/Down Counters Synchronous Binary Up/Down Counters
logo
Hitachi Semiconductor
HD74LS668 HITACHI-HD74LS668 Datasheet
103Kb / 7P
   Synchronous Up/Down Decade Counters
logo
National Semiconductor ...
MM54HCT193 NSC-MM54HCT193 Datasheet
117Kb / 8P
   Synchronous Binary Up/Down Counters
January 1988
logo
Microsemi Corporation
TSC373 MICROSEMI-TSC373 Datasheet
1Mb / 4P
   Up-Down Counters
logo
Texas Instruments
SN54LS668 TI-SN54LS668 Datasheet
481Kb / 12P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com