Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL1454ACNS Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza TL1454ACNS
Descripción Electrónicos  DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TL1454ACNS Datasheet(HTML) 4 Page - Texas Instruments

  TL1454ACNS Datasheet HTML 1Page - Texas Instruments TL1454ACNS Datasheet HTML 2Page - Texas Instruments TL1454ACNS Datasheet HTML 3Page - Texas Instruments TL1454ACNS Datasheet HTML 4Page - Texas Instruments TL1454ACNS Datasheet HTML 5Page - Texas Instruments TL1454ACNS Datasheet HTML 6Page - Texas Instruments TL1454ACNS Datasheet HTML 7Page - Texas Instruments TL1454ACNS Datasheet HTML 8Page - Texas Instruments TL1454ACNS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TL1454A, TL1454AY
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM)
CONTROL CIRCUIT
SLVS423 A– MAY 2002 – REVISED SEPTEMBER 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
theory of operation
reference voltage
A linear regulator operating from VCC generates a 2.5-V supply for the internal circuits and the 1.26-V reference,
which can source a maximum of 1 mA for external loads. A small ceramic capacitor (0.047
µF to 0.1 µF) between
REF and ground is recommended to minimize noise pickup.
error amplifier
The error amplifier generates the error signal used by the PWM to adjust the power-switch duty cycle for the
desired converter output voltage. The signal is generated by comparing a sample of the output voltage to the
voltage reference and amplifying the difference. An external resistive divider connected between the converter
output and ground, as shown in Figure 1, is generally required to obtain the output voltage sample.
The amplifier output is brought out on COMP to allow the frequency response of the amplifier to be shaped with
an external RC network to stabilize the feedback loop of the converter. DC loading on the COMP output is limited
to 45
µA (the maximum amplifier source current capability).
Figure 1 illustrates the sense-divider network and error-amplifier connections for converters with positive output
voltages. The divider network is connected to the noninverting amplifier input because the PWM has a phase
inversion; the duty cycle decreases as the error-amplifier output increases.
_
+
IN –
IN +
R3
R1
R2
COMP
To PWM
VO
Compensation
Network
REF
Converter
Output
TL1454A
Figure 1. Sense Divider/Error Amplifier
Configuration for Converters with Positive Outputs
The output voltage is given by:
V
O +
V
ref
1
) R1
R2
where Vref = 1.26 V.
The dc source resistance of the error-amplifier inputs should be 10 k
Ω or less and approximately matched to
minimize output voltage errors caused by the input-bias current. A simple procedure for determining appropriate
values for the resistors is to choose a convenient value for R3 (10 k
Ω or less) and calculate R1 and R2 using:
R
1 +
R
3
V
O
V
O
–V
ref
R
2 +
R
3
V
O
V
ref


Número de pieza similar - TL1454ACNS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL1454ACNS TI1-TL1454ACNS Datasheet
894Kb / 25P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454ACNSR TI1-TL1454ACNSR Datasheet
894Kb / 25P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
More results

Descripción similar - TL1454ACNS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL1454CPW TI1-TL1454CPW Datasheet
384Kb / 25P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454A TI1-TL1454A_14 Datasheet
894Kb / 25P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454 TI-TL1454 Datasheet
390Kb / 24P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1453C TI-TL1453C Datasheet
116Kb / 7P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL1453CPWR TI1-TL1453CPWR Datasheet
422Kb / 8P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_07 Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com