Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK110-50GL Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza BUK110-50GL
Descripción Electrónicos  PowerMOS transistor Logic level TOPFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK110-50GL Datasheet(HTML) 2 Page - NXP Semiconductors

  BUK110-50GL Datasheet HTML 1Page - NXP Semiconductors BUK110-50GL Datasheet HTML 2Page - NXP Semiconductors BUK110-50GL Datasheet HTML 3Page - NXP Semiconductors BUK110-50GL Datasheet HTML 4Page - NXP Semiconductors BUK110-50GL Datasheet HTML 5Page - NXP Semiconductors BUK110-50GL Datasheet HTML 6Page - NXP Semiconductors BUK110-50GL Datasheet HTML 7Page - NXP Semiconductors BUK110-50GL Datasheet HTML 8Page - NXP Semiconductors BUK110-50GL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
BUK110-50GL
Logic level TOPFET
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DSS
Continuous off-state drain source
V
IS = 0 V
-
50
V
voltage
1
V
IS
Continuous input voltage
-
0
6
V
I
D
Continuous drain current
T
mb ≤ 25 ˚C; VIS = 5 V
-
45
A
I
D
Continuous drain current
T
mb ≤ 100 ˚C; VIS = 5 V
-
28
A
I
DRM
Repetitive peak on-state drain current
T
mb ≤ 25 ˚C; VIS = 5 V
-
180
A
P
D
Total power dissipation
T
mb ≤ 25 ˚C
-
125
W
T
stg
Storage temperature
-
-55
150
˚C
T
j
Continuous junction temperature
2
normal operation
-
150
˚C
T
sold
Lead temperature
during soldering
-
250
˚C
OVERLOAD PROTECTION LIMITING VALUES
With the protection supply provided via the input pin, TOPFET can protect itself from two types of overload.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
ISP
Protection supply voltage
3
for valid protection
4
-
V
Over temperature protection
V
DDP(T)
Protected drain source supply voltage
V
IS = 5 V
-
50
V
Short circuit load protection
V
DDP(P)
Protected drain source supply voltage
4
V
IS = 5 V
-
24
V
P
DSM
Instantaneous overload dissipation
T
mb = 25 ˚C
-
2.1
kW
OVERVOLTAGE CLAMPING LIMITING VALUES
At a drain source voltage above 50 V the power MOSFET is actively turned on to clamp overvoltage transients.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
I
DROM
Repetitive peak clamping current
V
IS = 0 V
-
45
A
E
DSM
Non-repetitive clamping energy
T
mb ≤ 25 ˚C; IDM = 25 A;
-
1
J
V
DD ≤ 25 V; inductive load
E
DRM
Repetitive clamping energy
T
mb ≤ 85 ˚C; IDM = 16 A;
-
80
mJ
V
DD ≤ 20 V; f = 250 Hz
ESD LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
C
Electrostatic discharge capacitor
Human body model;
-
2
kV
voltage
C = 250 pF; R = 1.5 k
1 Prior to the onset of overvoltage clamping. For voltages above this value, safe operation is limited by the overvoltage clamping energy.
2 A higher T
j is allowed as an overload condition but at the threshold Tj(TO) the over temperature trip operates to protect the switch.
3 The input voltage for which the overload protection circuits are functional.
4 The device is able to self-protect against a short circuit load providing the drain-source supply voltage does not exceed V
DDP(P) maximum.
For further information, refer to OVERLOAD PROTECTION CHARACTERISTICS.
June 1996
2
Rev 1.000


Número de pieza similar - BUK110-50GL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK110-50GS PHILIPS-BUK110-50GS Datasheet
117Kb / 11P
   PowerMOS transistor TOPFET
June 1996 Rev 1.000
More results

Descripción similar - BUK110-50GL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK102-50DL PHILIPS-BUK102-50DL Datasheet
86Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK109-50GL PHILIPS-BUK109-50GL Datasheet
109Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
BUK101-50DL PHILIPS-BUK101-50DL Datasheet
89Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK104-50L PHILIPS-BUK104-50L Datasheet
147Kb / 14P
   PowerMOS transistor Logic level TOPFET
January 1993 Rev 1.200
BUK107-50DS PHILIPS-BUK107-50DS Datasheet
62Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
BUK108-50GL PHILIPS-BUK108-50GL Datasheet
127Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
logo
Guangdong Kexin Industr...
KUK108-50DL KEXIN-KUK108-50DL Datasheet
64Kb / 3P
   PowerMOS transistor Logic level TOPFET
logo
NXP Semiconductors
BUK100-50DL PHILIPS-BUK100-50DL Datasheet
85Kb / 10P
   PowerMOS transistor Logic level TOPFET
November 1996 Rev 1.200
BUK107-50DL PHILIPS-BUK107-50DL Datasheet
77Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
BUK112-50GL PHILIPS-BUK112-50GL Datasheet
91Kb / 16P
   PowerMOS transistor Logic level TOPFET
September 1996 Rev 1.000
BUK113-50DL PHILIPS-BUK113-50DL Datasheet
32Kb / 6P
   PowerMOS transistor Logic level TOPFET
January 1996 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com