Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC908QY2MPE Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

No. de pieza MC908QY2MPE
Descripción Electrónicos  Microcontrollers
Download  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QY2MPE Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MC908QY2MPE Datasheet HTML 42Page - Freescale Semiconductor, Inc MC908QY2MPE Datasheet HTML 43Page - Freescale Semiconductor, Inc MC908QY2MPE Datasheet HTML 44Page - Freescale Semiconductor, Inc MC908QY2MPE Datasheet HTML 45Page - Freescale Semiconductor, Inc MC908QY2MPE Datasheet HTML 46Page - Freescale Semiconductor, Inc MC908QY2MPE Datasheet HTML 47Page - Freescale Semiconductor, Inc MC908QY2MPE Datasheet HTML 48Page - Freescale Semiconductor, Inc MC908QY2MPE Datasheet HTML 49Page - Freescale Semiconductor, Inc MC908QY2MPE Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 184 page
background image
Analog-to-Digital Converter (ADC)
MC68HC908QY/QT Family Data Sheet, Rev. 5
46
Freescale Semiconductor
AIEN — ADC Interrupt Enable Bit
When this bit is set, an interrupt is generated at the end of an ADC conversion. The interrupt signal is
cleared when ADR is read or ADSCR is written. Reset clears the AIEN bit.
1 = ADC interrupt enabled
0 = ADC interrupt disabled
ADCO — ADC Continuous Conversion Bit
When set, the ADC will convert samples continuously and update ADR at the end of each conversion.
Only one conversion is allowed when this bit is cleared. Reset clears the ADCO bit.
1 = Continuous ADC conversion
0 = One ADC conversion
CH[4:0] — ADC Channel Select Bits
CH4, CH3, CH2, CH1, and CH0 form a 5-bit field which is used to select one of the four ADC channels.
The five select bits are detailed in Table 3-1. Care should be taken when using a port pin as both an
analog and a digital input simultaneously to prevent switching noise from corrupting the analog signal.
The ADC subsystem is turned off when the channel select bits are all set to 1. This feature allows for
reduced power consumption for the MCU when the ADC is not used. Reset sets all of these bits to 1.
NOTE
Recovery from the disabled state requires one conversion cycle to stabilize.
Table 3-1. MUX Channel Select
CH4
CH3
CH2
CH1
CH0
ADC
Channel
Input Select
0
0000
ADC0
PTA0
0
0001
ADC1
PTA1
0
0010
ADC2
PTA4
0
0011
ADC3
PTA5
0
0100
Unused(1)
1. If any unused channels are selected, the resulting ADC conversion will be
unknown.
↓↓↓
↓↓
1
1010
1
1011
Reserved
11
1
0
0
Unused
11
1
0
1—
VDDA
(2)
2. The voltage levels supplied from internal reference nodes, as specified in the
table, are used to verify the operation of the ADC converter both in produc-
tion test and for user applications.
11
1
1
0—
VSSA
(2)
11
1
1
1—
ADC power off


Número de pieza similar - MC908QY2MPE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC908QY2MPE FREESCALE-MC908QY2MPE Datasheet
2Mb / 168P
   M68HC08 Microcontrollers
More results

Descripción similar - MC908QY2MPE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com