Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


ST173C12CHH3LP Datasheet(Hoja de datos) 4 Page - International Rectifier

No. de Pieza. ST173C12CHH3LP
Descripción  INVERTER GRADE THYRISTORS
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo 

   
 4 page
background image
ST173CPbF Series
4
Bulletin I25233 10/06
www.irf.com
T
J
Max. operating temperature range
-40 to 125
T
stg
Max. storage temperature range
-40 to 150
R
thJ-hs
Max. thermal resistance,
0.17
DC operation single side cooled
junction to heatsink
0.08
DC operation double side cooled
R
thC-hs
Max. thermal resistance,
0.033
DC operation single side cooled
case to heatsink
0.017
DC operation double side cooled
F
Mounting force, ± 10%
4900
N
(500)
(Kg)
wt
Approximate weight
50
g
Parameter
ST173C..C
Units
Conditions
K/W
Thermal and Mechanical Specification
°C
Case style
TO - 200AB (A-PUK)
See Outline Table
K/W
ΔR
thJ-hs
Conduction
(The following table shows the increment of thermal resistence R
thJ-hs
when devices operate at different conduction angles than DC)
Single Side Double Side Single Side Double Side
180°
0.015
0.016
0.011
0.011
120°
0.018
0.019
0.019
0.019
90°
0.024
0.024
0.026
0.026
K/W
T
J
= T
J
max.
60°
0.035
0.035
0.036
0.037
30°
0.060
0.060
0.060
0.061
Sinusoidal conduction
Rectangular conduction
Conduction angle
Units
Conditions
Ordering Information Table
5
68
9
ST
17
3
C
12
C
H
K
1
P
3
4
10
7
Device Code
12
1 - Thyristor
2 - Essential part number
3 - 3 = Fast turn off
4 - C = Ceramic Puk
5 - Voltage code: Code x 100 = V
RRM
(See Voltage Rating Table)
6 - C = Puk Case TO-200AB (A-PUK)
7 - Reapplied dv/dt code (for t
q
test condition)
8 -t
q
code
9 - 0 = Eyelet term. (Gate and Aux. Cathode Unsoldered Leads)
1 = Fast-on term. (Gate and Aux. Cathode Unsoldered Leads)
2 = Eyelet term. (Gate and Aux. Cathode Soldered Leads)
3 = Fast-on term. (Gate and Aux. Cathode Soldered Leads)
- Critical dv/dt:
None = 500V/µsec (Standard value)
L
= 1000V/µsec (Special selection)
- P = Lead Free
10
t
q
(µs)
dv/dt - t
q
combinations available
dv/dt (V/µs)
20
50
100
200
400
15
CL
--
--
--
--
18
CP
DP
EP
FP *
--
20
CK
DK
EK
FK *
HK
25
CJ
DJ
EJ
FJ
HJ
30
--
DH
EH
FH
HH
*Standard part number.
All other types available only on request.
11
11




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
74AC04Hex Inverter 1 2 3 4 5 MoreFairchild Semiconductor
AAGMILITARY GRADE 14 PIN 10 TAP TTL ACTIVES 1 List of Unclassifed Manufacturers
SN74LVC1GU04SINGLE INVERTER GATE 1 2 3 4 5 MoreTexas Instruments
MUBW30-06A7Converter - Brake - Inverter Module CBI2 1 2 3 4 5 MoreIXYS Corporation
SN5405HEX INVERTER WITH OPEN-COLLECTOR OUTPUTS 1 2 3 4 5 MoreTexas Instruments
MAX1720Switched Capacitor Voltage Inverter with Shutdown 1 2 3 4 5 MoreON Semiconductor
MAC8SSensitive Gate Triacs Silicon Bidirectional Thyristors 1 2 3 4 5 MoreON Semiconductor
TS7920For Inverter Lighting Equipment 1 2 3 4 Sanyo Semicon Device
MAC15SSensitive Gate Triacs Silicon Bidirectional Thyristors 1 2 3 4 5 MoreON Semiconductor
74LVXU04LOW VOLTAGE CMOS HEX INVERTER SINGLE STAGE WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl