Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QT4VDWE Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QT4VDWE
Descripción  Microcontrollers
Descarga  184 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QT4VDWE Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 47 / 184 page
background image
Input/Output Registers
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
47
3.7.2 ADC Data Register
One 8-bit result register is provided. This register is updated each time an ADC conversion completes.
3.7.3 ADC Input Clock Register
This register selects the clock frequency for the ADC.
ADIV2–ADIV0 — ADC Clock Prescaler Bits
ADIV2, ADIV1, and ADIV0 form a 3-bit field which selects the divide ratio used by the ADC to generate
the internal ADC clock. Table 3-2 shows the available clock configurations. The ADC clock frequency
should be set between fADIC(MIN) and fADIC(MAX). The analog input level should remain stable for the
entire conversion time (maximum = 17 ADC clock cycles).
Address: $003E
Bit 7
654321
Bit 0
Read:
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
Write:
Reset:
Indeterminate after reset
= Unimplemented
Figure 3-4. ADC Data Register (ADR)
Address: $003F
Bit 7
654321
Bit 0
Read:
ADIV2
ADIV1
ADIV0
00000
Write:
Reset:
00000000
= Unimplemented
Figure 3-5. ADC Input Clock Register (ADICLK)
Table 3-2. ADC Clock Divide Ratio
ADIV2
ADIV1
ADIV0
ADC Clock Rate
0
0
0
Bus clock ÷ 1
0
0
1
Bus clock ÷ 2
0
1
0
Bus clock ÷ 4
0
1
1
Bus clock ÷ 8
1
X
X
Bus clock ÷ 16
X = don’t care


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908QC16Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
PIC12F6838-Pin Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology 1 2 3 4 5 MoreMicrochip Technology
Z86E72OTP IR MICROCONTROLLERS 1 2 3 4 5 MoreZilog, Inc.
MB9148232-bit proprietary Microcontrollers CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
AT91SC512384RCT32-bit Secure Microcontrollers 1 2 3 4 5 ATMEL Corporation
AT91SAM7X256AT91 ARM Thumb-based Microcontrollers 1 2 3 4 5 MoreATMEL Corporation
MC9S08AW60Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn