Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QT4VDWE Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QT4VDWE
Descripción  Microcontrollers
Descarga  184 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QT4VDWE Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 75 / 184 page
background image
Functional Description
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
75
Figure 8-2. IRQ Module Block Diagram
8.3.1 MODE = 1
If the MODE bit is set, the IRQ pin is both falling edge sensitive and low level sensitive. With MODE set,
both of the following actions must occur to clear the IRQ interrupt request:
Return of the IRQ pin to a high level. As long as the IRQ pin is low, the IRQ request remains active.
IRQ vector fetch or software clear. An IRQ vector fetch generates an interrupt acknowledge signal
to clear the IRQ latch. Software generates the interrupt acknowledge signal by writing a 1 to ACK
in INTSCR. The ACK bit is useful in applications that poll the IRQ pin and require software to clear
the IRQ latch. Writing to ACK prior to leaving an interrupt service routine can also prevent spurious
interrupts due to noise. Setting ACK does not affect subsequent transitions on the IRQ pin. A falling
edge that occurs after writing to ACK latches another interrupt request. If the IRQ mask bit, IMASK,
is clear, the CPU loads the program counter with the IRQ vector address.
The IRQ vector fetch or software clear and the return of the IRQ pin to a high level may occur in any order.
The interrupt request remains pending as long as the IRQ pin is low. A reset will clear the IRQ latch and
the MODE control bit, thereby clearing the interrupt even if the pin stays low.
Use the BIH or BIL instruction to read the logic level on the IRQ pin.
8.3.2 MODE = 0
If the MODE bit is clear, the IRQ pin is falling edge sensitive only. With MODE clear, an IRQ vector fetch
or software clear immediately clears the IRQ latch.
The IRQF bit in INTSCR can be read to check for pending interrupts. The IRQF bit is not affected by
IMASK, which makes it useful in applications where polling is preferred.
NOTE
When using the level-sensitive interrupt trigger, avoid false IRQ interrupts
by masking interrupt requests in the interrupt routine.
ACK
IMASK
DQ
CK
CLR
IRQ
HIGH
INTERRUPT
TO MODE
SELECT
LOGIC
IRQ
LATCH
REQUEST
VDD
MODE
VOLTAGE
DETECT
SYNCHRO-
NIZER
IRQF
TO CPU FOR
BIL/BIH
INSTRUCTIONS
VECTOR
FETCH
DECODER
RESET
VDD
INTERNAL
PULLUP
DEVICE
IRQ
IRQPUD


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908QC16Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
PIC12F6838-Pin Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology 1 2 3 4 5 MoreMicrochip Technology
Z86E72OTP IR MICROCONTROLLERS 1 2 3 4 5 MoreZilog, Inc.
MB9148232-bit proprietary Microcontrollers CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
AT91SC512384RCT32-bit Secure Microcontrollers 1 2 3 4 5 ATMEL Corporation
AT91SAM7X256AT91 ARM Thumb-based Microcontrollers 1 2 3 4 5 MoreATMEL Corporation
MC9S08AW60Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn