Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QT4VDWE Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QT4VDWE
Descripción  Microcontrollers
Descarga  184 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QT4VDWE Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 95 / 184 page
background image
Low Power Modes
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
95
again in the SIM and results in the internal bus frequency being one fourth of either the XTALCLK,
RCCLK, or INTCLK frequency.
11.5 Low Power Modes
The WAIT and STOP instructions put the MCU in low-power consumption standby modes.
11.5.1 Wait Mode
The WAIT instruction has no effect on the oscillator logic. BUSCLKX2 and BUSCLKX4 continue to drive
to the SIM module.
11.5.2 Stop Mode
The STOP instruction disables either the XTALCLK, the RCCLK, or INTCLK output, hence BUSCLKX2
and BUSCLKX4.
11.6 Oscillator During Break Mode
The oscillator continues to drive BUSCLKX2 and BUSCLKX4 when the device enters the break state.
11.7 CONFIG2 Options
Two CONFIG2 register options affect the operation of the oscillator module: OSCOPT1 and OSCOPT0.
All CONFIG2 register bits will have a default configuration. Refer to Chapter 5 Configuration Register
(CONFIG) for more information on how the CONFIG2 register is used.
Table 11-2 shows how the OSCOPT bits are used to select the oscillator clock source.
.
11.8 Input/Output (I/O) Registers
The oscillator module contains these two registers:
1.
Oscillator status register (OSCSTAT)
2.
Oscillator trim register (OSCTRIM)
Table 11-2. Oscillator Modes
OSCOPT1
OSCOPT0
Oscillator Modes
0
0
Internal oscillator
0
1
External oscillator
10
External RC
1
1
External crystal


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908QC16Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
PIC12F6838-Pin Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology 1 2 3 4 5 MoreMicrochip Technology
Z86E72OTP IR MICROCONTROLLERS 1 2 3 4 5 MoreZilog, Inc.
MB9148232-bit proprietary Microcontrollers CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
AT91SC512384RCT32-bit Secure Microcontrollers 1 2 3 4 5 ATMEL Corporation
AT91SAM7X256AT91 ARM Thumb-based Microcontrollers 1 2 3 4 5 MoreATMEL Corporation
MC9S08AW60Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn