Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK113-50DL Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza BUK113-50DL
Descripción Electrónicos  PowerMOS transistor Logic level TOPFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK113-50DL Datasheet(HTML) 5 Page - NXP Semiconductors

  BUK113-50DL Datasheet HTML 1Page - NXP Semiconductors BUK113-50DL Datasheet HTML 2Page - NXP Semiconductors BUK113-50DL Datasheet HTML 3Page - NXP Semiconductors BUK113-50DL Datasheet HTML 4Page - NXP Semiconductors BUK113-50DL Datasheet HTML 5Page - NXP Semiconductors BUK113-50DL Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Philips Semiconductors
Objective specification
PowerMOS transistor
BUK113-50DL
Logic level TOPFET
MECHANICAL DATA
Dimensions in mm
Net Mass: 0.11 g
Fig.4. SOT223 surface mounting package
1.
handbook, full pagewidth
6.7
6.3
0.95
0.85
2.3
0.80
0.60
4.6
3.1
2.9
3.7
3.3
7.3
6.7
A
B
0.2
A
1.80
max
16
16
o
max
10
o
max
0.10
0.01
0.32
0.24
4
123
MSA035 - 1
(4x)
0.1
B
M
M
S
seating plane
0.1 S
o
1 For further information, refer to surface mounting instructions for SOT223 envelope. Epoxy meets UL94 V0 at 1/8".
January 1996
5
Rev 1.000


Número de pieza similar - BUK113-50DL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK110-50GL PHILIPS-BUK110-50GL Datasheet
109Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
BUK110-50GS PHILIPS-BUK110-50GS Datasheet
117Kb / 11P
   PowerMOS transistor TOPFET
June 1996 Rev 1.000
BUK111-50GL PHILIPS-BUK111-50GL Datasheet
93Kb / 16P
   Logic level TOPFET SMD version of BUK112-50GL
September 1996 Rev 1.000
BUK112-50GL PHILIPS-BUK112-50GL Datasheet
91Kb / 16P
   PowerMOS transistor Logic level TOPFET
September 1996 Rev 1.000
BUK114-50L NXP-BUK114-50L Datasheet
119Kb / 13P
   Logic level TOPFET
September 1996 Rev 1.000
More results

Descripción similar - BUK113-50DL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK102-50DL PHILIPS-BUK102-50DL Datasheet
86Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK109-50GL PHILIPS-BUK109-50GL Datasheet
109Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
BUK101-50DL PHILIPS-BUK101-50DL Datasheet
89Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK104-50L PHILIPS-BUK104-50L Datasheet
147Kb / 14P
   PowerMOS transistor Logic level TOPFET
January 1993 Rev 1.200
BUK107-50DS PHILIPS-BUK107-50DS Datasheet
62Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
BUK108-50GL PHILIPS-BUK108-50GL Datasheet
127Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
logo
Guangdong Kexin Industr...
KUK108-50DL KEXIN-KUK108-50DL Datasheet
64Kb / 3P
   PowerMOS transistor Logic level TOPFET
logo
NXP Semiconductors
BUK100-50DL PHILIPS-BUK100-50DL Datasheet
85Kb / 10P
   PowerMOS transistor Logic level TOPFET
November 1996 Rev 1.200
BUK107-50DL PHILIPS-BUK107-50DL Datasheet
77Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
BUK112-50GL PHILIPS-BUK112-50GL Datasheet
91Kb / 16P
   PowerMOS transistor Logic level TOPFET
September 1996 Rev 1.000
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com