Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC908QY4CDTE Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

No. de pieza MC908QY4CDTE
Descripción Electrónicos  Microcontrollers
Download  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QY4CDTE Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MC908QY4CDTE Datasheet HTML 69Page - Freescale Semiconductor, Inc MC908QY4CDTE Datasheet HTML 70Page - Freescale Semiconductor, Inc MC908QY4CDTE Datasheet HTML 71Page - Freescale Semiconductor, Inc MC908QY4CDTE Datasheet HTML 72Page - Freescale Semiconductor, Inc MC908QY4CDTE Datasheet HTML 73Page - Freescale Semiconductor, Inc MC908QY4CDTE Datasheet HTML 74Page - Freescale Semiconductor, Inc MC908QY4CDTE Datasheet HTML 75Page - Freescale Semiconductor, Inc MC908QY4CDTE Datasheet HTML 76Page - Freescale Semiconductor, Inc MC908QY4CDTE Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 184 page
background image
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
73
Chapter 8
External Interrupt (IRQ)
8.1 Introduction
The IRQ pin (external interrupt), shared with PTA2 (general purpose input) and keyboard interrupt (KBI),
provides a maskable interrupt input
8.2 Features
Features of the IRQ module include the following:
External interrupt pin, IRQ
•IRQ interrupt control bits
Programmable edge-only or edge and level interrupt sensitivity
Automatic interrupt acknowledge
Selectable internal pullup resistor
8.3 Functional Description
IRQ pin functionality is enabled by setting configuration register 2 (CONFIG2) IRQEN bit accordingly. A
zero disables the IRQ function and PTA2 will assume the other shared functionalities. A one enables the
IRQ function.
A low level applied to the external interrupt request (IRQ) pin can latch a CPU interrupt request.
Figure 8-2 shows the structure of the IRQ module.
Interrupt signals on the IRQ pin are latched into the IRQ latch. The IRQ latch remains set until one of the
following actions occurs:
IRQ vector fetch — An IRQ vector fetch automatically generates an interrupt acknowledge signal
that clears the IRQ latch.
Software clear — Software can clear the IRQ latch by writing a 1 to the ACK bit in the interrupt
status and control register (INTSCR).
Reset — A reset automatically clears the IRQ latch.
The external interrupt pin is falling-edge-triggered out of reset and is software-configurable to be either
falling-edge or falling-edge and low-level triggered. The MODE bit in INTSCR controls the triggering
sensitivity of the IRQ pin.


Número de pieza similar - MC908QY4CDTE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC908QY4CDTE FREESCALE-MC908QY4CDTE Datasheet
2Mb / 168P
   M68HC08 Microcontrollers
More results

Descripción similar - MC908QY4CDTE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com