Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC908QY4CDTE Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

No. de pieza MC908QY4CDTE
Descripción Electrónicos  Microcontrollers
Download  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QY4CDTE Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button MC908QY4CDTE Datasheet HTML 92Page - Freescale Semiconductor, Inc MC908QY4CDTE Datasheet HTML 93Page - Freescale Semiconductor, Inc MC908QY4CDTE Datasheet HTML 94Page - Freescale Semiconductor, Inc MC908QY4CDTE Datasheet HTML 95Page - Freescale Semiconductor, Inc MC908QY4CDTE Datasheet HTML 96Page - Freescale Semiconductor, Inc MC908QY4CDTE Datasheet HTML 97Page - Freescale Semiconductor, Inc MC908QY4CDTE Datasheet HTML 98Page - Freescale Semiconductor, Inc MC908QY4CDTE Datasheet HTML 99Page - Freescale Semiconductor, Inc MC908QY4CDTE Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 184 page
background image
Oscillator Module (OSC)
MC68HC908QY/QT Family Data Sheet, Rev. 5
96
Freescale Semiconductor
11.8.1 Oscillator Status Register
The oscillator status register (OSCSTAT) contains the bits for switching from internal to external clock
sources.
ECGON — External Clock Generator On Bit
This read/write bit enables external clock generator, so that the switching process can be initiated. This
bit is forced low during reset. This bit is ignored in monitor mode with the internal oscillator bypassed,
PTM or CTM mode.
1 = External clock generator enabled
0 = External clock generator disabled
ECGST — External Clock Status Bit
This read-only bit indicates whether or not an external clock source is engaged to drive the system
clock.
1 = An external clock source engaged
0 = An external clock source disengaged
11.8.2 Oscillator Trim Register (OSCTRIM)
TRIM7–TRIM0 — Internal Oscillator Trim Factor Bits
These read/write bits change the size of the internal capacitor used by the internal oscillator. By
measuring the period of the internal clock and adjusting this factor accordingly, the frequency of the
internal clock can be fine tuned. Increasing (decreasing) this factor by one increases (decreases) the
period by approximately 0.2% of the untrimmed period (the period for TRIM = $80). The trimmed
frequency is guaranteed not to vary by more than ±5% over the full specified range of temperature and
voltage. The reset value is $80, which sets the frequency to 12.8 MHz (3.2 MHz bus speed) ±25%.
Address: $0036
Bit 7
654321
Bit 0
Read:
RRRRRR
ECGON
ECGST
Write:
Reset:
00000000
R
=Reserved
= Unimplemented
Figure 11-4. Oscillator Status Register (OSCSTAT)
Address: $0038
Bit 7
654321
Bit 0
Read:
TRIM7
TRIM6
TRIM5
TRIM4
TRIM3
TRIM2
TRIM1
TRIM0
Write:
Reset:
10000000
Figure 11-5. Oscillator Trim Register (OSCTRIM)


Número de pieza similar - MC908QY4CDTE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC908QY4CDTE FREESCALE-MC908QY4CDTE Datasheet
2Mb / 168P
   M68HC08 Microcontrollers
More results

Descripción similar - MC908QY4CDTE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com