Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QY1VDTE Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QY1VDTE
Descripción  Microcontrollers
Descarga  184 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QY1VDTE Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 41 / 184 page
background image
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
41
Chapter 3
Analog-to-Digital Converter (ADC)
3.1 Introduction
This section describes the analog-to-digital converter (ADC). The ADC is an 8-bit, 4-channel analog-to-
digital converter. The ADC module is only available on the MC68HC908QY2, MC68HC908QT2,
MC68HC908QY4, and MC68HC908QT4.
3.2 Features
Features of the ADC module include:
4 channels with multiplexed input
Linear successive approximation with monotonicity
8-bit resolution
Single or continuous conversion
Conversion complete flag or conversion complete interrupt
Selectable ADC clock frequency
3.3 Functional Description
Four ADC channels are available for sampling external sources at pins PTA0, PTA1, PTA4, and PTA5.
An analog multiplexer allows the single ADC converter to select one of the four ADC channels as an ADC
voltage input (ADCVIN). ADCVIN is converted by the successive approximation register-based counters.
The ADC resolution is eight bits. When the conversion is completed, ADC puts the result in the ADC data
register and sets a flag or generates an interrupt.
Figure 3-2 shows a block diagram of the ADC.
3.3.1 ADC Port I/O Pins
PTA0, PTA1, PTA4, and PTA5 are general-purpose I/O pins that are shared with the ADC channels. The
channel select bits (ADC status and control register (ADSCR), $003C), define which ADC channel/port
pin will be used as the input signal. The ADC overrides the port I/O logic by forcing that pin as input to the
ADC. The remaining ADC channels/port pins are controlled by the port I/O logic and can be used as
general-purpose I/O. Writes to the port register or data direction register (DDR) will not have any affect
on the port pin that is selected by the ADC. Read of a port pin which is in use by the ADC will return a 0
if the corresponding DDR bit is at 0. If the DDR bit is at 1, the value in the port data latch is read.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908QC16Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
PIC12F6838-Pin Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology 1 2 3 4 5 MoreMicrochip Technology
Z86E72OTP IR MICROCONTROLLERS 1 2 3 4 5 MoreZilog, Inc.
MB9148232-bit proprietary Microcontrollers CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
AT91SC512384RCT32-bit Secure Microcontrollers 1 2 3 4 5 ATMEL Corporation
AT91SAM7X256AT91 ARM Thumb-based Microcontrollers 1 2 3 4 5 MoreATMEL Corporation
MC9S08AW60Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn