Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QY1VDTE Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QY1VDTE
Descripción  Microcontrollers
Descarga  184 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QY1VDTE Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 79 / 184 page
background image
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
79
Chapter 9
Keyboard Interrupt Module (KBI)
9.1 Introduction
The keyboard interrupt module (KBI) provides six independently maskable external interrupts, which are
accessible via the PTA0–PTA5 pins.
9.2 Features
Features of the keyboard interrupt module include:
Six keyboard interrupt pins with separate keyboard interrupt enable bits and one keyboard interrupt
mask
Software configurable pullup device if input pin is configured as input port bit
Programmable edge-only or edge and level interrupt sensitivity
Exit from low-power modes
9.3 Functional Description
The keyboard interrupt module controls the enabling/disabling of interrupt functions on the six port A pins.
These six pins can be enabled/disabled independently of each other. Refer to Figure 9-2.
9.3.1 Keyboard Operation
Writing to the KBIE0–KBIE5 bits in the keyboard interrupt enable register (KBIER) independently enables
or disables each port A pin as a keyboard interrupt pin. Enabling a keyboard interrupt pin in port A also
enables its internal pullup device irrespective of PTAPUEx bits in the port A input pullup enable register
(see 12.2.3 Port A Input Pullup Enable Register). A logic 0 applied to an enabled keyboard interrupt pin
latches a keyboard interrupt request.
A keyboard interrupt is latched when one or more keyboard interrupt inputs goes low after all were high.
The MODEK bit in the keyboard status and control register controls the triggering mode of the keyboard
interrupt.
If the keyboard interrupt is edge-sensitive only, a falling edge on a keyboard interrupt input does
not latch an interrupt request if another keyboard pin is already low. To prevent losing an interrupt
request on one input because another input is still low, software can disable the latter input while
it is low.
If the keyboard interrupt is falling edge and low-level sensitive, an interrupt request is present as
long as any keyboard interrupt input is low.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908QC16Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
PIC12F6838-Pin Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology 1 2 3 4 5 MoreMicrochip Technology
Z86E72OTP IR MICROCONTROLLERS 1 2 3 4 5 MoreZilog, Inc.
MB9148232-bit proprietary Microcontrollers CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
AT91SC512384RCT32-bit Secure Microcontrollers 1 2 3 4 5 ATMEL Corporation
AT91SAM7X256AT91 ARM Thumb-based Microcontrollers 1 2 3 4 5 MoreATMEL Corporation
MC9S08AW60Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn