Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QY1VDTE Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QY1VDTE
Descripción  Microcontrollers
Descarga  184 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QY1VDTE Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 96 / 184 page
background image
Oscillator Module (OSC)
MC68HC908QY/QT Family Data Sheet, Rev. 5
96
Freescale Semiconductor
11.8.1 Oscillator Status Register
The oscillator status register (OSCSTAT) contains the bits for switching from internal to external clock
sources.
ECGON — External Clock Generator On Bit
This read/write bit enables external clock generator, so that the switching process can be initiated. This
bit is forced low during reset. This bit is ignored in monitor mode with the internal oscillator bypassed,
PTM or CTM mode.
1 = External clock generator enabled
0 = External clock generator disabled
ECGST — External Clock Status Bit
This read-only bit indicates whether or not an external clock source is engaged to drive the system
clock.
1 = An external clock source engaged
0 = An external clock source disengaged
11.8.2 Oscillator Trim Register (OSCTRIM)
TRIM7–TRIM0 — Internal Oscillator Trim Factor Bits
These read/write bits change the size of the internal capacitor used by the internal oscillator. By
measuring the period of the internal clock and adjusting this factor accordingly, the frequency of the
internal clock can be fine tuned. Increasing (decreasing) this factor by one increases (decreases) the
period by approximately 0.2% of the untrimmed period (the period for TRIM = $80). The trimmed
frequency is guaranteed not to vary by more than ±5% over the full specified range of temperature and
voltage. The reset value is $80, which sets the frequency to 12.8 MHz (3.2 MHz bus speed) ±25%.
Address: $0036
Bit 7
654321
Bit 0
Read:
RRRRRR
ECGON
ECGST
Write:
Reset:
00000000
R
=Reserved
= Unimplemented
Figure 11-4. Oscillator Status Register (OSCSTAT)
Address: $0038
Bit 7
654321
Bit 0
Read:
TRIM7
TRIM6
TRIM5
TRIM4
TRIM3
TRIM2
TRIM1
TRIM0
Write:
Reset:
10000000
Figure 11-5. Oscillator Trim Register (OSCTRIM)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908QC16Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
PIC12F6838-Pin Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology 1 2 3 4 5 MoreMicrochip Technology
Z86E72OTP IR MICROCONTROLLERS 1 2 3 4 5 MoreZilog, Inc.
MB9148232-bit proprietary Microcontrollers CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
AT91SC512384RCT32-bit Secure Microcontrollers 1 2 3 4 5 ATMEL Corporation
AT91SAM7X256AT91 ARM Thumb-based Microcontrollers 1 2 3 4 5 MoreATMEL Corporation
MC9S08AW60Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn