Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


MC908QY1MDTE Datasheet(Hoja de datos) 26 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QY1MDTE
Descripción  Microcontrollers
Descarga  184 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

 26 page
background image
Memory
MC68HC908QY/QT Family Data Sheet, Rev. 5
26
Freescale Semiconductor
$0000
$003F
I/O REGISTERS
64 BYTES
Note 1.
Attempts to execute code from addresses in this
range will generate an illegal address reset.
$0040
$007F
RESERVED(1)
64 BYTES
$0080
$00FF
RAM
128 BYTES
$0100
$27FF
UNIMPLEMENTED(1)
9984 BYTES
$2800
$2DFF
AUXILIARY ROM
1536 BYTES
$2E00
$EDFF
UNIMPLEMENTED(1)
49152 BYTES
UNIMPLEMENTED
51712 BYTES
$2E00
$F7FF
$EE00
$FDFF
FLASH MEMORY
MC68HC908QT4 AND MC68HC908QY4
4096 BYTES
FLASH MEMORY
1536 BYTES
$F800
$FDFF
$FE00
BREAK STATUS REGISTER (BSR)
MC68HC908QT1, MC68HC908QT2,
MC68HC908QY1, and MC68HC908QY2
Memory Map
$FE01
RESET STATUS REGISTER (SRSR)
$FE02
BREAK AUXILIARY REGISTER (BRKAR)
$FE03
BREAK FLAG CONTROL REGISTER (BFCR)
$FE04
INTERRUPT STATUS REGISTER 1 (INT1)
$FE05
INTERRUPT STATUS REGISTER 2 (INT2)
$FE06
INTERRUPT STATUS REGISTER 3 (INT3)
$FE07
RESERVED FOR FLASH TEST CONTROL REGISTER (FLTCR)
$FE08
FLASH CONTROL REGISTER (FLCR)
$FE09
BREAK ADDRESS HIGH REGISTER (BRKH)
$FE0A
BREAK ADDRESS LOW REGISTER (BRKL)
$FE0B
BREAK STATUS AND CONTROL REGISTER (BRKSCR)
$FE0C
LVISR
$FE0D
$FE0F
RESERVED FOR FLASH TEST
3 BYTES
$FE10
$FFAF
MONITOR ROM 416 BYTES
$FFB0
$FFBD
FLASH
14 BYTES
$FFBE
FLASH BLOCK PROTECT REGISTER (FLBPR)
$FFBF
RESERVED FLASH
$FFC0
INTERNAL OSCILLATOR TRIM VALUE
$FFC1
RESERVED FLASH
$FFC2
$FFCF
FLASH
14 BYTES
$FFD0
$FFFF
USER VECTORS
48 BYTES
Figure 2-1. Memory Map




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908QC16Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
PIC12F6838-Pin Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology 1 2 3 4 5 MoreMicrochip Technology
Z86E72OTP IR MICROCONTROLLERS 1 2 3 4 5 MoreZilog, Inc.
MB9148232-bit proprietary Microcontrollers CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
AT91SC512384RCT32-bit Secure Microcontrollers 1 2 3 4 5 ATMEL Corporation
AT91SAM7X256AT91 ARM Thumb-based Microcontrollers 1 2 3 4 5 MoreATMEL Corporation
MC9S08AW60Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl