Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QT1VFQE Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QT1VFQE
Descripción  Microcontrollers
Descarga  184 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QT1VFQE Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 22 / 184 page
background image
General Description
MC68HC908QY/QT Family Data Sheet, Rev. 5
22
Freescale Semiconductor
1.5 Pin Functions
Table 1-2 provides a description of the pin functions.
Table 1-2. Pin Functions
Pin
Name
Description
Input/Output
VDD
Power supply
Power
VSS
Power supply ground
Power
PTA0
PTA0 — General purpose I/O port
Input/Output
AD0 — A/D channel 0 input
Input
TCH0 — Timer Channel 0 I/O
Input/Output
KBI0 — Keyboard interrupt input 0
Input
PTA1
PTA1 — General purpose I/O port
Input/Output
AD1 — A/D channel 1 input
Input
TCH1 — Timer Channel 1 I/O
Input/Output
KBI1 — Keyboard interrupt input 1
Input
PTA2
PTA2 — General purpose input-only port
Input
IRQ — External interrupt with programmable pullup and Schmitt trigger input
Input
KBI2 — Keyboard interrupt input 2
Input
TCLK — Timer clock input
Input
PTA3
PTA3 — General purpose I/O port
Input/Output
RST — Reset input, active low with internal pullup and Schmitt trigger
Input
KBI3 — Keyboard interrupt input 3
Input
PTA4
PTA4 — General purpose I/O port
Input/Output
OSC2 —XTAL oscillator output (XTAL option only)
RC or internal oscillator output (OSC2EN = 1 in PTAPUE register)
Output
Output
AD2 — A/D channel 2 input
Input
KBI4 — Keyboard interrupt input 4
Input
PTA5
PTA5 — General purpose I/O port
Input/Output
OSC1 — XTAL, RC, or external oscillator input
Input
AD3 — A/D channel 3 input
Input
KBI5 — Keyboard interrupt input 5
Input
PTB[0:7](1)
1. The PTB pins are not available on the 8-pin packages (see note in 12.1 Introduction).
8 general-purpose I/O ports
Input/Output


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908QC16Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
PIC12F6838-Pin Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology 1 2 3 4 5 MoreMicrochip Technology
Z86E72OTP IR MICROCONTROLLERS 1 2 3 4 5 MoreZilog, Inc.
MB9148232-bit proprietary Microcontrollers CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
AT91SC512384RCT32-bit Secure Microcontrollers 1 2 3 4 5 ATMEL Corporation
AT91SAM7X256AT91 ARM Thumb-based Microcontrollers 1 2 3 4 5 MoreATMEL Corporation
MC9S08AW60Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn