Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


MC908QT1VFQE Datasheet(Hoja de datos) 80 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QT1VFQE
Descripción  Microcontrollers
Descarga  184 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

 80 page
background image
Keyboard Interrupt Module (KBI)
MC68HC908QY/QT Family Data Sheet, Rev. 5
80
Freescale Semiconductor
Figure 9-1. Block Diagram Highlighting KBI Block and Pins
PTA0/AD0/TCH0/KBI0
PTA1/AD1/TCH1/KBI1
PTA2/IRQ/KBI2/TCLK
PTA3/RST/KBI3
PTA4/OSC2/AD2/KBI4
PTA5/OSC1/AD3/KBI5
KEYBOARD INTERRUPT
MODULE
CLOCK
GENERATOR
(OSCILLATOR)
SYSTEM INTEGRATION
MODULE
SINGLE INTERRUPT
MODULE
BREAK
MODULE
POWER-ON RESET
MODULE
16-BIT TIMER
MODULE
COP
MODULE
MONITOR ROM
PTB0
M68HC08 CPU
PTB1
PTB2
PTB3
PTB4
PTB5
PTB6
PTB7
8-BIT ADC
128 BYTES RAM
MC68HC908QY4 AND MC68HC908QT4
4096 BYTES
MC68HC908QY2, MC68HC908QY1,
MC68HC908QT2, AND MC68HC908QT1:
1536 BYTES
USER FLASH
POWER SUPPLY
VDD
VSS
RST, IRQ: Pins have internal (about 30K Ohms) pull up
PTA[0:5]: High current sink and source capability
PTA[0:5]: Pins have programmable keyboard interrupt and pull up
PTB[0:7]: Not available on 8-pin devices – MC68HC908QT1, MC68HC908QT2, and MC68HC908QT4 (see note in
12.1 Introduction)
ADC: Not available on the MC68HC908QY1 and MC68HC908QT1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908QC16Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
PIC12F6838-Pin Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology 1 2 3 4 5 MoreMicrochip Technology
Z86E72OTP IR MICROCONTROLLERS 1 2 3 4 5 MoreZilog, Inc.
MB9148232-bit proprietary Microcontrollers CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
AT91SC512384RCT32-bit Secure Microcontrollers 1 2 3 4 5 ATMEL Corporation
AT91SAM7X256AT91 ARM Thumb-based Microcontrollers 1 2 3 4 5 MoreATMEL Corporation
MC9S08AW60Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl