Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK116-50S Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza BUK116-50S
Descripción Electrónicos  Logic level TOPFET SMD version of BUK106-50L/S
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK116-50S Datasheet(HTML) 2 Page - NXP Semiconductors

  BUK116-50S Datasheet HTML 1Page - NXP Semiconductors BUK116-50S Datasheet HTML 2Page - NXP Semiconductors BUK116-50S Datasheet HTML 3Page - NXP Semiconductors BUK116-50S Datasheet HTML 4Page - NXP Semiconductors BUK116-50S Datasheet HTML 5Page - NXP Semiconductors BUK116-50S Datasheet HTML 6Page - NXP Semiconductors BUK116-50S Datasheet HTML 7Page - NXP Semiconductors BUK116-50S Datasheet HTML 8Page - NXP Semiconductors BUK116-50S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Philips Semiconductors
Product specification
Logic level TOPFET
BUK116-50L/S
SMD version of BUK106-50L/S
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Voltages
V
DSS
Continuous off-state drain source
V
IS = 0 V
-
50
V
voltage
1
V
IS
Continuous input voltage
-
0
11
V
V
FS
Continuous flag voltage
-
0
11
V
V
PS
Continuous supply voltage
-
0
11
V
Currents
V
IS =
-
8
5
V
I
D
Continuous drain current
T
mb ≤ 25 ˚C
-
50
45
A
I
D
Continuous drain current
T
mb ≤ 100 ˚C
-
31
28
A
I
DRM
Repetitive peak on-state drain current
T
mb ≤ 25 ˚C
-
200 180
A
Thermal
P
tot
Total power dissipation
T
mb = 25 ˚C
-
125
W
T
stg
Storage temperature
-
-55
150
˚C
T
j
Junction temperature
2
continuous
-
150
˚C
T
sold
Lead temperature
during soldering
-
250
˚C
OVERLOAD PROTECTION LIMITING VALUES
With the protection supply
An n-MOS transistor turns on
For internal overload protection to
connected, TOPFET can protect
between the input and source to
remain latched while the control
itself from two types of overload -
quickly discharge the power
circuit is high, external series input
over temperature and short circuit
MOSFET gate capacitance.
resistance must be provided. Refer
load.
to INPUT CHARACTERISTICS.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
IS =8
5
-
V
V
PSP
Protection supply voltage
3
for valid protection
BUK116-50L
4.4
4
-
V
BUK116-50S
5.4
5
-
V
Over temperature protection
V
PS = VPSN
V
DDP(T)
Protected drain source supply voltage
V
IS = 10 V; RI ≥ 2 kΩ
-50
V
V
IS = 5 V; RI ≥ 1 kΩ
-50
V
Short circuit load protection
V
PS = VPSN; L ≤ 10 µH
V
DDP(P)
Protected drain source supply voltage
4
V
IS = 10 V; RI ≥ 2 kΩ
-24
V
V
IS = 5 V; RI ≥ 1 kΩ
-45
V
P
DSM
Instantaneous overload dissipation
-
4
kW
ESD LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
C
Electrostatic discharge capacitor
Human body model;
-
2
kV
voltage
C = 250 pF; R = 1.5 k
1 Prior to the onset of overvoltage clamping. For voltages above this value, safe operation is limited by the overvoltage clamping energy.
2 A higher T
j is allowed as an overload condition but at the threshold Tj(TO) the over temperature trip operates to protect the switch.
3 The minimum supply voltage required for correct operation of the overload protection circuits.
4 The device is able to self-protect against a short circuit load providing the drain-source supply voltage does not exceed V
DDP(P) maximum.
For further information, refer to OVERLOAD PROTECTION CHARACTERISTICS.
July 1996
2
Rev 1.000


Número de pieza similar - BUK116-50S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK116-50S PHILIPS-BUK116-50S Datasheet
138Kb / 13P
   Logic level TOPFET SMD version of BUK106-50L/S
July 1996 Rev 1.000
More results

Descripción similar - BUK116-50S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK116-50L PHILIPS-BUK116-50L Datasheet
138Kb / 13P
   Logic level TOPFET SMD version of BUK106-50L/S
July 1996 Rev 1.000
logo
Nexperia B.V. All right...
BUK114-50L NEXPERIA-BUK114-50L Datasheet
232Kb / 14P
   Logic level TOPFET SMD version of BUK104-50L/S
Rev 1.000 1996
logo
NXP Semiconductors
BUK136-50L PHILIPS-BUK136-50L Datasheet
44Kb / 7P
   Logic level TOPFET SMD version of BUK125-50L
July 2002-Rev 1.000
BUK124-50L PHILIPS-BUK124-50L Datasheet
166Kb / 13P
   Logic level TOPFET TO-220 version of BUK135-50L
January 2003-Rev 1.110
BUK111-50GL PHILIPS-BUK111-50GL Datasheet
93Kb / 16P
   Logic level TOPFET SMD version of BUK112-50GL
September 1996 Rev 1.000
BUK130-50DL PHILIPS-BUK130-50DL Datasheet
42Kb / 6P
   Logic level TOPFET SMD version of BUK119-50DL
May 2001-Rev 1.900
logo
Nexperia B.V. All right...
BUK128-50DL NEXPERIA-BUK128-50DL Datasheet
160Kb / 7P
   Logic level TOPFET SMD version of BUK117-50DL
May 2001 Rev 1.800
BUK129-50DL NEXPERIA-BUK129-50DL Datasheet
160Kb / 7P
   Logic level TOPFET SMD version of BUK118-50DL
May 2001 Rev 1.900
logo
NXP Semiconductors
BUK128-50DL PHILIPS-BUK128-50DL Datasheet
41Kb / 6P
   Logic level TOPFET SMD version of BUK117-50DL
May 2001-Rev 1.800
BUK129-50DL PHILIPS-BUK129-50DL Datasheet
42Kb / 6P
   Logic level TOPFET SMD version of BUK118-50DL
May 2001-Rev 1.900
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com