Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5821-WAFER Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD5821-WAFER
Descripción Electrónicos  120 mA, Current Sinking, 10-Bit, I2C DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5821-WAFER Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5821-WAFER Datasheet HTML 6Page - Analog Devices AD5821-WAFER Datasheet HTML 7Page - Analog Devices AD5821-WAFER Datasheet HTML 8Page - Analog Devices AD5821-WAFER Datasheet HTML 9Page - Analog Devices AD5821-WAFER Datasheet HTML 10Page - Analog Devices AD5821-WAFER Datasheet HTML 11Page - Analog Devices AD5821-WAFER Datasheet HTML 12Page - Analog Devices AD5821-WAFER Datasheet HTML 13Page - Analog Devices AD5821-WAFER Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD5821
Rev. 0 | Page 10 of 16
TERMINOLOGY
Relative Accuracy
For the DAC, relative accuracy or integral nonlinearity is a
measurement of the maximum deviation, in LSB, from a
straight line passing through the endpoints of the DAC transfer
function. A typical INL vs. code plot is shown in Figure 5.
Differential Nonlinearity (DNL)
Differential nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes. A specified differential nonlinearity of ±1 LSB maximum
ensures monotonicity. This DAC is guaranteed monotonic by
design. A typical DNL vs. code plot is shown in Figure 6.
Zero-Code Error
Zero-code error is a measurement of the output error when zero
code (0x0000) is loaded to the DAC register. Ideally, the output
is 0 mA. The zero-code error is always positive in the AD5821
because the output of the DAC cannot go below 0 mA. This is
due to a combination of the offset errors in the DAC and output
amplifier. Zero-code error is expressed in milliamperes (mA).
Gain Error
Gain error is a measurement of the span error of the DAC. It is
the deviation in slope of the DAC transfer characteristic from
the ideal, expressed as a percent of the full-scale range.
Gain Error Drift
Gain error drift is a measurement of the change in gain error
with changes in temperature. It is expressed in LSB/°C.
Digital-to-Analog Glitch Impulse
This is the impulse injected into the analog output when the
input code in the DAC register changes state. It is normally
specified as the area of the glitch in nanoamperes per second
(nA-s) and is measured when the digital input code is changed
by 1 LSB at the major carry transition.
Digital Feedthrough
Digital feedthrough is a measurement of the impulse injected
into the analog output of the DAC from the digital inputs of the
DAC, but it is measured when the DAC output is not updated.
It is specified in nanoamperes per second (nA-s) and measured
with a full-scale code change on the data bus, that is, from all 0s
to all 1s and vice versa.
Offset Error
Offset error is a measurement of the difference between ISINK
(actual) and IOUT (ideal) in the linear region of the transfer
function, expressed in milliamperes (mA). Offset error is
measured on the AD5821 with Code 16 loaded into the DAC
register.
Offset Error Drift
Offset error drift is a measurement of the change in offset error
with a change in temperature. It is expressed in microvolts per
degree Celsius (μV/°C).


Número de pieza similar - AD5821-WAFER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5821 AD-AD5821 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD5821 AD-AD5821 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD5821A AD-AD5821A Datasheet
500Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5821A-WAFER AD-AD5821A-WAFER Datasheet
500Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5821ABCBZ-REEL AD-AD5821ABCBZ-REEL Datasheet
500Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
More results

Descripción similar - AD5821-WAFER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5398A AD-AD5398A Datasheet
475Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5821A AD-AD5821A Datasheet
500Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5398 AD-AD5398 Datasheet
319Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. A
AD5398 AD-AD5398_15 Datasheet
580Kb / 17P
   120 mA, Current Sinking, 10-Bit, IC DAC
REV. B
logo
Aimtron Technology
AT5510 AIMTRON-AT5510 Datasheet
208Kb / 12P
   120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Global Mixed-mode Techn...
G2003 GMT-G2003 Datasheet
134Kb / 1P
   120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Princeton Technology Co...
PT5661 PTC-PT5661 Datasheet
217Kb / 5P
   102.3mA, Current Sinking, 10-bit, I짼C DAC
logo
Maxim Integrated Produc...
DS4432 MAXIM-DS4432 Datasheet
217Kb / 9P
   Dual-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 12/08
MAX5112 MAXIM-MAX5112 Datasheet
9Mb / 28P
   9-Channel, 14-Bit, Current DAC with I2C Interface
19-3563; Rev 1; 5/05
MAX5547 MAXIM-MAX5547_09 Datasheet
274Kb / 12P
   Dual, 10-Bit, Current-Sink Output DAC
Rev 2; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com