Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMA6J24CA-TR Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza SMA6J24CA-TR
Descripción Electrónicos  High junction temperature Transil TM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6J24CA-TR Datasheet(HTML) 2 Page - STMicroelectronics

  SMA6J24CA-TR Datasheet HTML 1Page - STMicroelectronics SMA6J24CA-TR Datasheet HTML 2Page - STMicroelectronics SMA6J24CA-TR Datasheet HTML 3Page - STMicroelectronics SMA6J24CA-TR Datasheet HTML 4Page - STMicroelectronics SMA6J24CA-TR Datasheet HTML 5Page - STMicroelectronics SMA6J24CA-TR Datasheet HTML 6Page - STMicroelectronics SMA6J24CA-TR Datasheet HTML 7Page - STMicroelectronics SMA6J24CA-TR Datasheet HTML 8Page - STMicroelectronics SMA6J24CA-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
SMA6J
2/10
1
Characteristics
Table 1.
Absolute ratings (Tamb = 25° C)
Symbol
Parameter
Value
Unit
PPP
Peak pulse power dissipation (1)
Tj initial = Tamb
600
W
P
Power dissipation on infinite heatsink
Tamb = 55° C
4
W
IFSM
Non repetitive surge peak forward current for
unidirectional types
tp = 10 ms
Tj initial = Tamb
60
A
Tstg
Storage temperature range
-65 to +175
° C
Tj
Operating junction temperature range
-55 to +175
° C
TL
Maximum lead temperature for soldering during 10 s
260
° C
1.
For a surge greater than the maximum values, the diode will fail in short-circuit.
Table 2.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth (j-l)
Junction to leads
30
° C/W
Rth (j-a)
Junction to ambient on printed circuit on recommended pad layout
120
° C/W
Table 3.
Electrical characteristics - definitions (Tamb = 25° C)
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current
@ VRM
IPP
Peak pulse current
αT
Voltage temperature
coefficient
VF
Forward voltage
drop
RD
Dynamic resistance
V
CLVBR VRM
I
RM
I
R
I
PP
V
I
I
RM
I
R
I
PP
V
RMVBR VCL
V
CLVBR VRM
I
RM
I
R
I
PP
V
I
I
RM
I
R
I
PP
V
RMVBR VCL
V
CLVBR VRM
I
RM
I
R
I
PP
V
I
I
F
V
F
V
CLVBR VRM
I
RM
I
R
I
PP
V
I
I
F
V
F
Unidirectional
Bidirectional


Número de pieza similar - SMA6J24CA-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SMA6J24CA-C SECOS-SMA6J24CA-C Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
logo
Bourns Electronic Solut...
SMA6J24CA-Q BOURNS-SMA6J24CA-Q Datasheet
159Kb / 6P
   SMA6J-Q Transient Voltage Suppressor Diode Series
REV. 10/20
More results

Descripción similar - SMA6J24CA-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SMA6J_0711 STMICROELECTRONICS-SMA6J_0711 Datasheet
117Kb / 10P
   High junction temperature Transil
SMM4F STMICROELECTRONICS-SMM4F Datasheet
111Kb / 10P
   High junction temperature Transil?
SMA6F STMICROELECTRONICS-SMA6F Datasheet
105Kb / 9P
   High junction temperature Transil
SMA4F STMICROELECTRONICS-SMA4F Datasheet
102Kb / 9P
   High junction temperature Transil?
September 2008 Rev 1
SMM4F15A-TR STMICROELECTRONICS-SMM4F15A-TR Datasheet
112Kb / 10P
   High junction temperature Transil
SMA6F13A-TR STMICROELECTRONICS-SMA6F13A-TR Datasheet
101Kb / 9P
   High junction temperature Transil?
1-5KE6V8A STMICROELECTRONICS-1-5KE6V8A Datasheet
150Kb / 6P
   TRANSIL-TM
ESDA6V1B1 STMICROELECTRONICS-ESDA6V1B1 Datasheet
61Kb / 6P
   TRANSIL-TM ARRAY FOR ESD PROTECTION
SM6HT STMICROELECTRONICS-SM6HT Datasheet
51Kb / 6P
   HIGH TEMPERATURE TRANSIL FOR AUTOMOTIVE APPLICATIONS
logo
Silikron Semiconductor ...
SSBD10L100CT SILIKRON-SSBD10L100CT Datasheet
462Kb / 6P
   High Junction Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com