Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS76718QDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS76718QDR
Descripción  FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
Descarga  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS76718QDR Datasheet(HTML) 9 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TPS76715Q, TPS76718Q, TPS76725Q, TPS76727Q
TPS76728Q, TPS76730Q, TPS76733Q, TPS76750Q, TPS76701Q
FAST TRANSIENT RESPONSE 1A LOW DROPOUT LINEAR REGULATORS
SLVS208I − MAY 1999 − REVISED JANUARY 2004
www.ti.com
9
TYPICAL CHARACTERISTICS
Figure 6
TA − Free-Air Temperature − °C
TPS76715
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
1.515
1.500
1.485
−40
0
1.510
1.505
1.495
−20
100
−60
120
1.490
20
40
60
80
VI = 2.7 V
IO = 1 A
IO = 1 mA
140
Figure 7
TA − Free-Air Temperature − °C
TPS76725
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
−40
0
−20
100
−60
120
20
40
60
80
2.515
2.500
2.480
2.510
2.505
2.495
2.490
2.485
VI = 3.5 V
IO = 1 A
IO = 1 mA
TA − Free-Air Temperature − °C
TPS76733
GROUND CURRENT
vs
FREE-AIR TEMPERATURE
92
84
72
90
88
82
80
78
76
74
86
−40
0
−20
100
−60
120
20
40
60
80
140
VI = 4.3 V
IO = 500 mA
IO = 1 A
IO = 1 mA
Figure 8


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn