Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5820G Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza 1N5820G
Descripción Electrónicos  Axial Lead Rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5820G Datasheet(HTML) 7 Page - ON Semiconductor

  1N5820G Datasheet HTML 1Page - ON Semiconductor 1N5820G Datasheet HTML 2Page - ON Semiconductor 1N5820G Datasheet HTML 3Page - ON Semiconductor 1N5820G Datasheet HTML 4Page - ON Semiconductor 1N5820G Datasheet HTML 5Page - ON Semiconductor 1N5820G Datasheet HTML 6Page - ON Semiconductor 1N5820G Datasheet HTML 7Page - ON Semiconductor 1N5820G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1N5820, 1N5821, 1N5822
http://onsemi.com
7
75
°C
25
°C
100
°C
TJ = 125°C
NOTE 6 — HIGH FREQUENCY OPERATION
Since current flow in a Schottky rectifier is the result of
majority carrier conduction, it is not subject to junction
diode forward and reverse recovery transients due to minor-
ity carrier injection and stored charge. Satisfactory circuit
analysis work may be performed by using a model consist-
ing of an ideal diode in parallel with a variable capacitance.
(See Figure 10.)
Figure 7. Typical Forward Voltage
Figure 8. Maximum Non−Repetitive Surge
Current
Figure 9. Typical Reverse Current
1.2
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
50
5.0
NUMBER OF CYCLES
5.0
100
1.0
10
VR, REVERSE VOLTAGE (VOLTS)
8.0
0
50
0.2
0.01
16
0.5
0.4
0
0.2
0.6
0.8
7.0 10
2.0
3.0
100
24
32
40
0.05
1.4
100
20
0.1
70
50
30
20
TJ = 100°C
25
°C
1.0
0.3
0.2
0.1
0.07
0.7
1.0
2.0
3.0
7.0
10
20
30
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.5
200
70
2.0
3.0
5.0
10
500
300
100
0.7
7.0
20
30
1N5820
1N5821
1N5822
TJ = 25°C
f = 1.0 MHz
20
30
50
70
TL = 75°C
f = 60 Hz
SURGE APPLIED AT RATED LOAD CONDITIONS
Figure 10. Typical Capacitance
0.02
0.05
10
1.0
0.5
5.0
2.0
4.0
12
20
28
36
1N5820
1N5821
1N5822
1 CYCLE
1.1
0.3
0.1
0.5
0.7
1.3
0.9


Número de pieza similar - 1N5820G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
1N5820 MOTOROLA-1N5820 Datasheet
168Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
logo
New Jersey Semi-Conduct...
1N5820 NJSEMI-1N5820 Datasheet
128Kb / 1P
   SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5820 TSC-1N5820 Datasheet
63Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
1N5820 PACELEADER-1N5820 Datasheet
467Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Bytes
1N5820 BYTES-1N5820 Datasheet
151Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Descripción similar - 1N5820G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MBR150 MOTOROLA-MBR150 Datasheet
95Kb / 4P
   Axial Lead Rectifiers
logo
ON Semiconductor
MBR835 ONSEMI-MBR835 Datasheet
138Kb / 4P
   Axial Lead Rectifiers
September, 2006 ??Rev. 2
MBR350 ONSEMI-MBR350_06 Datasheet
59Kb / 4P
   Axial Lead Rectifiers
June, 2006 ??Rev. 6
1N5817 ONSEMI-1N5817 Datasheet
75Kb / 7P
   Axial Lead Rectifiers
July, 2006 ??Rev. 10
MBR150 ONSEMI-MBR150 Datasheet
67Kb / 5P
   Axial Lead Rectifiers
June, 2006 ??Rev. 8
logo
New Jersey Semi-Conduct...
MBR115P NJSEMI-MBR115P Datasheet
133Kb / 2P
   AXIAL LEAD RECTIFIERS
logo
ON Semiconductor
MBR350 ONSEMI-MBR350 Datasheet
57Kb / 4P
   Axial Lead Rectifiers
December, 2004 ??Rev. 4
logo
Weitron Technology
SR320 WEITRON-SR320 Datasheet
637Kb / 3P
   Axial Lead Schottky Rectifiers
logo
SiPower Inc.
SPSL20200 SIPOWER-SPSL20200 Datasheet
398Kb / 3P
   Axial Lead Schottky Rectifiers
SPSL15200 SIPOWER-SPSL15200 Datasheet
396Kb / 3P
   Axial Lead Schottky Rectifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com