Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

1N6373 Datasheet(PDF) 3 Page - ON Semiconductor

No. de Pieza. 1N6373
Descripción  1500 Watt Peak Power Mosorb TM Zener Transient Voltage Suppressors
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

1N6373 Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1N6373 − 1N6381 Series (ICTE−5 − ICTE−36, MPTE−5 − MPTE−45)
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 3.5 V Max. @ IF (Note 3) = 100 A)
JEDEC
Device
(ON Device)
Device
Marking
VRWM
(Note 4)
IR @
VRWM
Breakdown Voltage
VC @ IPP (Note 6)
VC (Volts) (Note 6)
QVBR
VBR (Note 5) (Volts)
@ IT
VC
IPP
@ IPP =
1 A
@ IPP =
10 A
(Volts)
(
mA)
Min
Nom
Max
(mA)
(Volts)
(A)
(mV/
°C)
1N6373, G
(MPTE−5, G)
1N6373
MPTE−5
5.0
300
6.0
1.0
9.4
160
7.1
7.5
4.0
1N6374, G
(MPTE−8, G)
1N6374
MPTE−8
8.0
25
9.4
1.0
15
100
11.3
11.5
8.0
1N6375, G
(MPTE−10,G)
1N6375
MPTE−10
10
2.0
11.7
1.0
16.7
90
13.7
14.1
12
1N6376, G
(MPTE−12, G)
1N6376
MPTE−12
12
2.0
14.1
1.0
21.2
70
16.1
16.5
14
1N6377, G
(MPTE−15, G)
1N6377
MPTE−15
15
2.0
17.6
1.0
25
60
20.1
20.6
18
1N6379, G
(MPTE−22, G)
1N6379
MPTE−22
22
2.0
25.9
1.0
37.5
40
29.8
32
26
1N6380, G
(MPTE−36, G)
1N6380
MPTE−36
36
2.0
42.4
1.0
65.2
23
50.6
54.3
50
1N6381, G
(MPTE−45, G)
1N6381
MPTE−45
45
2.0
52.9
1.0
78.9
19
63.3
70
60
ICTE−5, G
ICTE−5
5.0
300
6.0
1.0
9.4
160
7.1
7.5
4.0
ICTE−10, G
ICTE−10
10
2.0
11.7
1.0
16.7
90
13.7
14.1
8.0
ICTE−12, G
ICTE−12
12
2.0
14.1
1.0
21.2
70
16.1
16.5
12
ICTE−15, G
ICTE−15
15
2.0
17.6
1.0
25
60
20.1
20.6
14
ICTE−18, G
ICTE−18
18
2.0
21.2
1.0
30
50
24.2
25.2
18
ICTE−22, G
ICTE−22
22
2.0
25.9
1.0
37.5
40
29.8
32
21
ICTE−36, G
ICTE−36
36
2.0
42.4
1.0
65.2
23
50.6
54.3
26
3. Square waveform, PW = 8.3 ms, non−repetitive duty cycle.
4. A transient suppressor is normally selected according to the maximum working peak reverse voltage (VRWM), which should be equal to or
greater than the dc or continuous peak operating voltage level.
5. VBR measured at pulse test current IT at an ambient temperature of 25°C and minimum voltage in VBR is to be controlled.
6. Surge current waveform per Figure 5 and derate per Figures 1 and 2.
†The “G’’ suffix indicates Pb−Free package available.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn