Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS73625DCQT Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS73625DCQT
Descripción Electrónicos  Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS73625DCQT Datasheet(HTML) 1 Page - Texas Instruments

  TPS73625DCQT Datasheet HTML 1Page - Texas Instruments TPS73625DCQT Datasheet HTML 2Page - Texas Instruments TPS73625DCQT Datasheet HTML 3Page - Texas Instruments TPS73625DCQT Datasheet HTML 4Page - Texas Instruments TPS73625DCQT Datasheet HTML 5Page - Texas Instruments TPS73625DCQT Datasheet HTML 6Page - Texas Instruments TPS73625DCQT Datasheet HTML 7Page - Texas Instruments TPS73625DCQT Datasheet HTML 8Page - Texas Instruments TPS73625DCQT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
DCQ PACKAGE
SOT223
(TOP VIEW)
DBV PACKAGE
SOT23
(TOP VIEW)
IN
GND
EN
NR/FB
OUT
1
2
3
4
5
1
2
3
4
5
IN
OUT
GND
NR/FB
EN
TAB IS GND
IN
N/C
N/C
EN
8
7
6
5
OUT
N/C
NR/FB
GND
1
2
3
4
DRB PACKAGE
3mm x 3mm SON
(TOP VIEW)
TPS736xx
GND
EN
NR
IN
OUT
V
IN
V
OUT
Optional
Optional
Optional
Typical Application Circuit for Fixed Voltage Versions
TPS736xx
SBVS038N – SEPTEMBER 2003 – REVISED JANUARY 2007
Cap-Free, NMOS, 400mA Low-Dropout Regulator
with Reverse Current Protection
• Stable with No Output Capacitor or Any Value
The TPS736xx family of low-dropout (LDO) linear
or Type of Capacitor
voltage regulators uses a new topology: an NMOS
pass element in a voltage-follower configuration. This
• Input Voltage Range of 1.7V to 5.5V
topology is stable using output capacitors with low
• Ultra-Low Dropout Voltage: 75mV typ
ESR, and even allows operation without a capacitor.
• Excellent Load Transient Response—with or
It also provides high reverse blockage (low reverse
without Optional Output Capacitor
current) and ground pin current that is nearly
constant over all values of output current.
• New NMOS Topology Delivers Low Reverse
Leakage Current
The TPS736xx uses an advanced BiCMOS process
to yield high precision while delivering very low
• Low Noise: 30µV
RMS typ (10Hz to 100kHz)
dropout voltages and low ground pin current. Current
• 0.5% Initial Accuracy
consumption, when not enabled, is under 1
µA and
• 1% Overall Accuracy Over Line, Load, and
ideal for portable applications. The extremely low
Temperature
output noise (30
µV
RMS with 0.1µF CNR) is ideal for
powering VCOs. These devices are protected by
• Less Than 1µA max I
Q in Shutdown Mode
thermal shutdown and foldback current limit.
• Thermal Shutdown and Specified Min/Max
Current Limit Protection
• Available in Multiple Output Voltage Versions
Fixed Outputs of 1.20V to 4.3V
Adjustable Output from 1.20V to 5.5V
Custom Outputs Available
• Portable/Battery-Powered Equipment
• Post-Regulation for Switching Supplies
• Noise-Sensitive Circuitry such as VCOs
• Point of Load Regulation for DSPs, FPGAs,
ASICs, and Microprocessors
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS73625DCQT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS73625DCQ TI-TPS73625DCQ Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73625DCQ TI-TPS73625DCQ Datasheet
641Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator
TPS73625DCQ TI-TPS73625DCQ Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73625DCQ TI-TPS73625DCQ Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73625DCQ TI-TPS73625DCQ Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results

Descripción similar - TPS73625DCQT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS736XX_0850 TI-TPS736XX_0850 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_08 Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601-Q1 TI1-TPS73601-Q1 Datasheet
576Kb / 22P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX_08 Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com