Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5919BG Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza 1N5919BG
Descripción Electrónicos  3 W DO??1 Surmetic TM 30 Zener Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5919BG Datasheet(HTML) 3 Page - ON Semiconductor

  1N5919BG Datasheet HTML 1Page - ON Semiconductor 1N5919BG Datasheet HTML 2Page - ON Semiconductor 1N5919BG Datasheet HTML 3Page - ON Semiconductor 1N5919BG Datasheet HTML 4Page - ON Semiconductor 1N5919BG Datasheet HTML 5Page - ON Semiconductor 1N5919BG Datasheet HTML 6Page - ON Semiconductor 1N5919BG Datasheet HTML 7Page - ON Semiconductor 1N5919BG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1N5913B Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TL = 30°C unless otherwise noted, VF = 1.5 V Max @ IF = 200 mAdc for all types)
Device
(Note 1)
Device
Marking
Zener Voltage (Note 2)
Zener Impedance (Note 3)
Leakage Current
IZM
VZ (Volts)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Min
Nom
Max
mA
W
W
mA
mA Max
Volts
mA
1N5913B, G
1N5913B
3.14
3.3
3.47
113.6
10
500
1
100
1
454
1N5917B, G
1N5917B
4.47
4.7
4.94
79.8
5
500
1
5
1.5
319
1N5919B, G
1N5919B
5.32
5.6
5.88
66.9
2
250
1
5
3
267
1N5920B, G
1N5920B
5.89
6.2
6.51
60.5
2
200
1
5
4
241
1N5921B, G
1N5921B
6.46
6.8
7.14
55.1
2.5
200
1
5
5.2
220
1N5923B, G
1N5923B
7.79
8.2
8.61
45.7
3.5
400
0.5
5
6.5
182
1N5924B, G
1N5924B
8.65
9.1
9.56
41.2
4
500
0.5
5
7
164
1N5925B, G
1N5925B
9.50
10
10.50
37.5
4.5
500
0.25
5
8
150
1N5926B, G
1N5926B
10.45
11
11.55
34.1
5.5
550
0.25
1
8.4
136
1N5927B, G
1N5927B
11.40
12
12.60
31.2
6.5
550
0.25
1
9.1
125
1N5929B, G
1N5929B
14.25
15
15.75
25.0
9
600
0.25
1
11.4
100
1N5930B, G
1N5930B
15.20
16
16.80
23.4
10
600
0.25
1
12.2
93
1N5931B, G
1N5931B
17.10
18
18.90
20.8
12
650
0.25
1
13.7
83
1N5932B, G
1N5932B
19.00
20
21.00
18.7
14
650
0.25
1
15.2
75
1N5933B, G
1N5933B
20.90
22
23.10
17.0
17.5
650
0.25
1
16.7
68
1N5934B, G
1N5934B
22.80
24
25.20
15.6
19
700
0.25
1
18.2
62
1N5935B, G
1N5935B
25.65
27
28.35
13.9
23
700
0.25
1
20.6
55
1N5936B, G
1N5936B
28.50
30
31.50
12.5
28
750
0.25
1
22.8
50
1N5937B, G
1N5937B
31.35
33
34.65
11.4
33
800
0.25
1
25.1
45
1N5938B, G
1N5938B
34.20
36
37.80
10.4
38
850
0.25
1
27.4
41
1N5940B, G
1N5940B
40.85
43
45.15
8.7
53
950
0.25
1
32.7
34
1N5941B, G
1N5941B
44.65
47
49.35
8.0
67
1000
0.25
1
35.8
31
1N5942B, G
1N5942B
48.45
51
53.55
7.3
70
1100
0.25
1
38.8
29
1N5943B, G
1N5943B
53.20
56
58.80
6.7
86
1300
0.25
1
42.6
26
1N5944B, G
1N5944B
58.90
62
65.10
6.0
100
1500
0.25
1
47.1
24
1N5946B, G
1N5946B
71.25
75
78.75
5.0
140
2000
0.25
1
56
20
1N5947B, G
1N5947B
77.90
82
86.10
4.6
160
2500
0.25
1
62.2
18
1N5948B, G
1N5948B
86.45
91
95.55
4.1
200
3000
0.25
1
69.2
16
1N5950B, G
1N5950B
104.5
110
115.5
3.4
300
4000
0.25
1
83.6
13
1N5951B, G
1N5951B
114
120
126
3.1
380
4500
0.25
1
91.2
12
1N5952B, G
1N5952B
123.5
130
136.5
2.9
450
5000
0.25
1
98.8
11
1N5953B, G
1N5953B
142.5
150
157.5
2.5
600
6000
0.25
1
114
10
1N5954B, G
1N5954B
152
160
168
2.3
700
6500
0.25
1
121.6
9
1N5955B, G
1N5955B
171
180
189
2.1
900
7000
0.25
1
136.8
8
1N5956B, G
1N5956B
190
200
210
1.9
1200
8000
0.25
1
152
7
Devices listed in bold, italic are ON Semiconductor Preferred devices. Preferred devices are recommended choices for future use and best overall value.
†The “G’’ suffix indicates Pb−Free package available.
1. TOLERANCE AND TYPE NUMBER DESIGNATION
Tolerance designation − device tolerance of
±5% are indicated by a “B” suffix.
2. ZENER VOLTAGE (VZ) MEASUREMENT
ON Semiconductor guarantees the zener voltage when measured at 90 seconds while maintaining the lead temperature (TL) at 30°C ±1°C,
3/8
″ from the diode body.
3. ZENER IMPEDANCE (ZZ) DERIVATION
The zener impedance is derived from 60 seconds AC voltage, which results when an AC current having an rms value equal to 10% of the
DC zener current (IZT or IZK) is superimposed on IZT or IZK.


Número de pieza similar - 1N5919BG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jinan Gude Electronic D...
1N5919B JGD-1N5919B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
logo
Formosa MS
1N5919B FORMOSA-1N5919B Datasheet
137Kb / 4P
   SILICON ZENER DIODES
logo
Microsemi Corporation
1N5919B MICROSEMI-1N5919B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
logo
SUNMATE electronic Co.,...
1N5919B SUNMATE-1N5919B Datasheet
346Kb / 2P
   1.5 Watts Axial Leaded Zener Diodes
logo
Central Semiconductor C...
1N5919B CENTRAL-1N5919B Datasheet
53Kb / 1P
   ZENER DIODES
More results

Descripción similar - 1N5919BG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MZP4729A ONSEMI-MZP4729A_06 Datasheet
129Kb / 7P
   3 Watt DO??1 Surmetic TM 30 Zener Voltage Regulators
March, 2006 ??Rev. 3
1N5929BRNG ONSEMI-1N5929BRNG Datasheet
117Kb / 7P
   3 W DO-41 Surmetic 30 Zener Voltage Regulators
January, 2012 ??Rev. 0
1N59XXBRNG ONSEMI-1N59XXBRNG Datasheet
194Kb / 8P
   3 W DO-41 Surmetic 30 Zener Voltage Regulators
December, 2019 ??Rev. 1
3EZ4.3D5 ONSEMI-3EZ4.3D5 Datasheet
130Kb / 7P
   3 Watt DO??1 Surmetic 30 Zener Voltage Regulators
March, 2006 ??Rev. 4
MZP4729AG ONSEMI-MZP4729AG Datasheet
83Kb / 6P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
July, 2007 - Rev. 4
MZP4729A ONSEMI-MZP4729A Datasheet
57Kb / 8P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
February, 2002 ??Rev. 2
3EZ6.2D5 ONSEMI-3EZ6.2D5 Datasheet
90Kb / 5P
   3 Watt DO-41 Surmetic??30 Zener Voltage Regulators
August, 2007 - Rev. 0
1N5333B ONSEMI-1N5333B_06 Datasheet
82Kb / 8P
   5 Watt Surmetic TM 40 Zener Voltage Regulators
May, 2006 ??Rev. 7
logo
America Semiconductor, ...
1N4728A AMERICASEMI-1N4728A Datasheet
1Mb / 6P
   1 Watt DO-41 Zener Voltage Regulators
logo
ON Semiconductor
1N5333G ONSEMI-1N5333G Datasheet
147Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
May, 2012 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com