Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA032D01 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPA032D01
Descripción Electrónicos  10-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA032D01 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA032D01_07 Datasheet HTML 4Page - Texas Instruments TPA032D01_07 Datasheet HTML 5Page - Texas Instruments TPA032D01_07 Datasheet HTML 6Page - Texas Instruments TPA032D01_07 Datasheet HTML 7Page - Texas Instruments TPA032D01_07 Datasheet HTML 8Page - Texas Instruments TPA032D01_07 Datasheet HTML 9Page - Texas Instruments TPA032D01_07 Datasheet HTML 10Page - Texas Instruments TPA032D01_07 Datasheet HTML 11Page - Texas Instruments TPA032D01_07 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
TPA032D01
10W MONO CLASSD AUDIO POWER AMPLIFIER
SLOS282B − DECEMBER 1999 − REVISED JUNE 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
INP
INN
COMP
VDD
COSC
AGND
PVDD
PVDD
SHUTDOWN
VCCREG
V2P5
VCC
PGND
30
µH
30
µH
0.1
µF
0.1
µF
1
µF
8
12 V
1
µF
1
µF
Balanced
Differential
Input Signal
1000 pF
1000 pF
CP1
CP2
VCP
FAULT0
FAULT1
MUTE
1
µF
OUTP
OUTN
47 nF
0.1
µF
42
1
2
9,16
5
4
6
48
12,13,27,36,37
32
41
14,15
10,11
29
8
17
24
25
22
12 V
12 V
500 k
100 k
To
VCCREG
VCC
0.1
µF
7,20,43, 44, 45, 46,47
21, 28, 33, 40
VCCREG
VCCREG
Figure 2. 12-V, 8-
Ω Test Circuit


Número de pieza similar - TPA032D01_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA032D01DCA TI-TPA032D01DCA Datasheet
309Kb / 22P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA032D01_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01 Datasheet
309Kb / 22P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_07 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1EVM TI1-TPA3106D1EVM Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com