Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA032D01 Datasheet(PDF) 12 Page - Texas Instruments

No. de pieza TPA032D01
Descripción Electrónicos  10-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA032D01 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPA032D01_07 Datasheet HTML 8Page - Texas Instruments TPA032D01_07 Datasheet HTML 9Page - Texas Instruments TPA032D01_07 Datasheet HTML 10Page - Texas Instruments TPA032D01_07 Datasheet HTML 11Page - Texas Instruments TPA032D01_07 Datasheet HTML 12Page - Texas Instruments TPA032D01_07 Datasheet HTML 13Page - Texas Instruments TPA032D01_07 Datasheet HTML 14Page - Texas Instruments TPA032D01_07 Datasheet HTML 15Page - Texas Instruments TPA032D01_07 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
TPA032D01
10W MONO CLASSD AUDIO POWER AMPLIFIER
SLOS282B − DECEMBER 1999 − REVISED JUNE 2000
12
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
efficiency of class-D vs linear operation
Amplifier efficiency is defined as the ratio of output power delivered to the load to power drawn from the supply.
In the efficiency equation below, PL is power across the load and PSUP is the supply power.
Efficiency
+ h +
P
L
P
SUP
A high-efficiency amplifier has a number of advantages over one with lower efficiency. One of these advantages
is a lower power requirement for a given output, which translates into less waste heat that must be removed
from the device, smaller power supply required, and increased battery life.
Audio power amplifier systems have traditionally used linear amplifiers, which are well known for being
inefficient. Class-D amplifiers were developed as a means to increase the efficiency of audio power amplifier
systems.
A linear amplifier is designed to act as a variable resistor network between the power supply and the load. The
transistors operate in their linear region and voltage that is dropped across the transistors (in their role as
variable resistors) is lost as heat, particularly in the output transistors.
The output transistors of a class-D amplifier switch from full OFF to full ON (saturated) and then back again,
spending very little time in the linear region in between. As a result, very little power is lost to heat because the
transistors are not operated in their linear region. If the transistors have a low on-resistance, little voltage is
dropped across them, further reducing losses. The ideal class-D amplifier is 100% efficient, which assumes that
both the on-resistance (rDS(on)) and the switching times of the output transistors are zero.
the ideal class-D amplifier
To illustrate how the output transistors of a class-D amplifier operate, a half-bridge application is examined first
(see Figure 4).
VDD
VOUT
L
CL
RL
IL
IOUT
+
VA
M2
M1
C
Figure 4. Half-Bridge Class-D Output Stage
Figures 5 and 6 show the currents and voltages of the half-bridge circuit. When transistor M1 is on and M2 is
off, the inductor current is approximately equal to the supply current. When M2 switches on and M1 switches
off, the supply current drops to zero, but the inductor keeps the inductor current from dropping. The additional
inductor current is flowing through M2 from ground. This means that VA (the voltage at the drain of M2, as shown
in Figure 4) transitions between the supply voltage and slightly below ground. The inductor and capacitor form
a low-pass filter, which makes the output current equal to the average of the inductor current. The low-pass filter
averages VA, which makes VOUT equal to the supply voltage multiplied by the duty cycle.


Número de pieza similar - TPA032D01_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA032D01DCA TI-TPA032D01DCA Datasheet
309Kb / 22P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA032D01_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01 Datasheet
309Kb / 22P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_07 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1EVM TI1-TPA3106D1EVM Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com