Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N5341BRL Datasheet(PDF) 1 Page - ON Semiconductor |
|
1N5341BRL Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 8 page © Semiconductor Components Industries, LLC, 2006 May, 2006 − Rev. 7 1 Publication Order Number: 1N5333B/D 1N5333B Series Preferred Device 5 Watt Surmetict 40 Zener Voltage Regulators This is a complete series of 5 Watt Zener diodes with tight limits and better operating characteristics that reflect the superior capabilities of silicon−oxide passivated junctions. All this in an axial lead, transfer−molded plastic package that offers protection in all common environmental conditions. Features • Zener Voltage Range − 3.3 V to 200 V • ESD Rating of Class 3 (>16 kV) per Human Body Model • Surge Rating of up to 180 W @ 8.3 ms • Maximum Limits Guaranteed on up to Six Electrical Parameters • Pb−Free Packages are Available Mechanical Characteristics CASE: Void free, transfer−molded, thermosetting plastic FINISH: All external surfaces are corrosion resistant and leads are readily solderable MAXIMUM LEAD TEMPERATURE FOR SOLDERING PURPOSES: 230 °C, 1/16 in. from the case for 10 seconds POLARITY: Cathode indicated by polarity band MOUNTING POSITION: Any MAXIMUM RATINGS Rating Symbol Value Unit Max. Steady State Power Dissipation @ TL = 75°C, Lead Length = 3/8 in Derate above 75 °C PD 5 40 W mW/ °C Operating and Storage Temperature Range TJ, Tstg −65 to +200 °C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. http://onsemi.com AXIAL LEAD CASE 017AA PLASTIC Cathode Anode MARKING DIAGRAM A = Assembly Location 1N53xxB = Device Number (Refer to Tables on Pages 3 & 4 YY = Year WW = Work Week G = Pb−Free Package (Note: Microdot may be in either location) A 1N 53xxB YYWW G G Device Package Shipping† ORDERING INFORMATION Preferred devices are recommended choices for future use and best overall value. †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. 1N53xxB, G Axial Lead (Pb−Free) 1000 Units/Box 1N53xxBRL, G Axial Lead (Pb−Free) 4000/Tape & Reel |
Número de pieza similar - 1N5341BRL |
|
Descripción similar - 1N5341BRL |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |