Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N5942BRL Datasheet(PDF) 1 Page - ON Semiconductor |
|
1N5942BRL Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 8 page © Semiconductor Components Industries, LLC, 2006 April, 2006 − Rev. 5 1 Publication Order Number: 1N5913B/D 1N5913B Series 3 W DO−41 Surmetict 30 Zener Voltage Regulators This is a complete series of 3 W Zener diodes with limits and excellent operating characteristics that reflect the superior capabilities of silicon−oxide passivated junctions. All this in an axial−lead, transfer−molded plastic package that offers protection in all common environmental conditions. Features • Zener Voltage Range − 3.3 V to 200 V • ESD Rating of Class 3 (>16 KV) per Human Body Model • Surge Rating of 98 W @ 1 ms • Maximum Limits Guaranteed on up to Six Electrical Parameters • Package No Larger than the Conventional 1 W Package • Pb−Free Packages are Available Mechanical Characteristics CASE: Void free, transfer−molded, thermosetting plastic FINISH: All external surfaces are corrosion resistant and leads are readily solderable MAXIMUM LEAD TEMPERATURE FOR SOLDERING PURPOSES: 260 °C, 1/16″ from the case for 10 seconds POLARITY: Cathode indicated by polarity band MOUNTING POSITION: Any MAXIMUM RATINGS Rating Symbol Value Unit Max. Steady State Power Dissipation @ TL = 75°C, Lead Length = 3/8″ Derate above 75 °C PD 3 24 W mW/ °C Steady State Power Dissipation @ TA = 50°C Derate above 50 °C PD 1 6.67 W mW/ °C Operating and Storage Temperature Range TJ, Tstg −65 to +200 °C Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. Device Package Shipping† ORDERING INFORMATION 1N59xxB, G Axial Lead (Pb−Free) 2000 Units/Box 1N59xxBRL, G Axial Lead (Pb−Free) AXIAL LEAD CASE 59 PLASTIC STYLE 1 6000/Tape & Reel Cathode Anode MARKING DIAGRAM †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D. http://onsemi.com A = Assembly Location 1N59xxB = Device Number YY = Year WW = Work Week G = Pb−Free Package (Note: Microdot may be in either location) A 1N 59xxB YYWW G G |
Número de pieza similar - 1N5942BRL |
|
Descripción similar - 1N5942BRL |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |