Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA701D Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA701D
Descripción Electrónicos  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA701D Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPA701D Datasheet HTML 15Page - Texas Instruments TPA701D Datasheet HTML 16Page - Texas Instruments TPA701D Datasheet HTML 17Page - Texas Instruments TPA701D Datasheet HTML 18Page - Texas Instruments TPA701D Datasheet HTML 19Page - Texas Instruments TPA701D Datasheet HTML 20Page - Texas Instruments TPA701D Datasheet HTML 21Page - Texas Instruments TPA701D Datasheet HTML 22Page - Texas Instruments TPA701D Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
TPA701
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
SLOS229D – NOVEMBER1998 – REVISED MAY 2003
19
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
headroom and thermal considerations (continued)
This is valuable information to consider when attempting to estimate the heat dissipation requirements for the
amplifier system. Comparing the absolute worst case, which is 700 mW of continuous power output with 0 dB
of headroom, against 12 dB and 15 dB applications drastically affects maximum ambient temperature ratings
for the system. Using the power dissipation curves for a 5-V, 8-
Ω system, the internal dissipation in the TPA701
and maximum ambient temperatures is shown in Table 2.
Table 2. TPA701 Power Rating, 5-V, 8-
Ω, BTL
PEAK OUTPUT
POWER
AVERAGE OUTPUT
POWER
DISSIPATION
D PACKAGE
(SOIC)
DGN PACKAGE
(MSOP)
POWER
(mW)
AVERAGE OUTPUT
POWER
DISSIPATION
(mW)
MAXIMUM AMBIENT
TEMPERATURE
MAXIMUM AMBIENT
TEMPERATURE
700
700 mW
675
34
°C
110
°C
700
350 mW (3 dB)
595
47
°C
115
°C
700
176 mW (6 dB)
475
68
°C
122
°C
700
88 mW (9 dB)
350
89
°C
125
°C
700
44 mW (12 dB)
225
111
°C
125
°C
Table 2 shows that the TPA701 can be used to its full 700-mW rating without any heat sinking in still air up to
110
°C and 34°C for the DGN package (MSOP) and D package (SOIC) respectively.


Número de pieza similar - TPA701D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA701D TI-TPA701D Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701DGN TI-TPA701DGN Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA701D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_07 Datasheet
688Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711 Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI1-TPA721_16 Datasheet
1Mb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711_15 Datasheet
1Mb / 39P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_15 Datasheet
774Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA741 TI-TPA741 Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com