Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6100A2DGK Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA6100A2DGK
Descripción Electrónicos  50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA6100A2DGK Datasheet(HTML) 2 Page - Texas Instruments

  TPA6100A2DGK Datasheet HTML 1Page - Texas Instruments TPA6100A2DGK Datasheet HTML 2Page - Texas Instruments TPA6100A2DGK Datasheet HTML 3Page - Texas Instruments TPA6100A2DGK Datasheet HTML 4Page - Texas Instruments TPA6100A2DGK Datasheet HTML 5Page - Texas Instruments TPA6100A2DGK Datasheet HTML 6Page - Texas Instruments TPA6100A2DGK Datasheet HTML 7Page - Texas Instruments TPA6100A2DGK Datasheet HTML 8Page - Texas Instruments TPA6100A2DGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
TPA6100A2D
SLOS269B – JUNE 2000 – REVISED SEPTEMBER 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
PACKAGED DEVICE
MSOP
TA
SYMBOLIZATION
SMALL OUTLINE (D)
MSOP(DGK)
–40
°C to 85°C
TPA6100A2D
TPA6100A2DGK
AJL
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
BYPASS
1
I
Tap to voltage divider for internal mid-supply bias supply. BYPASS is set at VDD/4. Connect to a 0.1-µF
to 1-µF low-ESR capacitor for best performance.
GND
2
I
GND is the ground connection.
IN1-
8
I
IN1- is the inverting input for channel 1.
IN2-
4
I
IN2- is the inverting input for channel 2.
SHUTDOWN
3
I
Active-low input. When held low, the device is placed in a low supply current mode.
VDD
6
I
VDD is the supply voltage terminal.
VO1
7
O
VO1 is the audio output for channel 1.
VO2
5
O
VO2 is the audio output for channel 2.
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
VDD
Supply voltage
4 V
VI
Input voltage
–0.3 V to VDD + 0.3 V
Continuous total power dissipation
Internally limited
TJ
Operating junction temperature range
–40
°C to 150°C
Tstg
Storage temperature range
–65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond thoselisted under "absolute maximum ratings” may cause permanent damage to thedevice. These are stress ratings
only, and functional operation of the deviceat these or any other conditions beyond those indicated under "recommendedoperating
conditions” is not implied. Exposure to absolute-maximum-ratedconditions for extended periods may affect devicereliability.
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
D
710 mW
5.68 mW/
°C
454 mW
369 mW
DGK
469 mW
3.75 mW/
°C
300 mW
244 mW
MIN
MAX
UNIT
VDD Supply voltage
1.6
3.6
V
TA
Operating free-air temperature
–40
85
°C
VIH
High-level input voltage
SHUTDOWN
0.6 x VDD
V
VIL
Low-level input voltage
SHUTDOWN
0.25 x VDD
2


Número de pieza similar - TPA6100A2DGK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6100A2DGK TI-TPA6100A2DGK Datasheet
241Kb / 10P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2DGK TI1-TPA6100A2DGK Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2DGK TI1-TPA6100A2DGK Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2DGKG4 TI1-TPA6100A2DGKG4 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2DGKG4 TI1-TPA6100A2DGKG4 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA6100A2DGK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6100A2D TI-TPA6100A2D Datasheet
241Kb / 10P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6138A2 TI1-TPA6138A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2 TI1-TPA6100A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2 TI1-TPA6102A2_14 Datasheet
748Kb / 22P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6101A2 TI-TPA6101A2_07 Datasheet
500Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
TPA6101A2 TI-TPA6101A2 Datasheet
423Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
TPA6102A2 TI-TPA6102A2 Datasheet
289Kb / 17P
[Old version datasheet]   50 mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2 TI-TPA6102A2_06 Datasheet
427Kb / 20P
[Old version datasheet]   50-mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
logo
ON Semiconductor
NCP2809 ONSEMI-NCP2809 Datasheet
186Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
NCP2809 ONSEMI-NCP2809_06 Datasheet
188Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
January, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com