Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6130A2YZH Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TPA6130A2YZH
Descripción Electrónicos  138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA6130A2YZH Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA6130A2YZH Datasheet HTML 2Page - Texas Instruments TPA6130A2YZH Datasheet HTML 3Page - Texas Instruments TPA6130A2YZH Datasheet HTML 4Page - Texas Instruments TPA6130A2YZH Datasheet HTML 5Page - Texas Instruments TPA6130A2YZH Datasheet HTML 6Page - Texas Instruments TPA6130A2YZH Datasheet HTML 7Page - Texas Instruments TPA6130A2YZH Datasheet HTML 8Page - Texas Instruments TPA6130A2YZH Datasheet HTML 9Page - Texas Instruments TPA6130A2YZH Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
www.ti.com
SCL
SDA
th2
t(buf)
tsu2
tsu3
StartCondition
StopCondition
OPERATING CHARACTERISTICS
TPA6130A2
SLOS488A – NOVEMBER 2006 – REVISED DECEMBER 2006
Figure 2. Start and Stop Conditions Timing
V
DD = 3.6 V , TA = 25°C, RL = 16 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 2.5V
60
Stereo, Outputs out of phase,
VDD = 3.6V
127
THD = 1%, f = 1 kHz, Gain = 0.1 dB
VDD = 5V
138
PO
Output power
mW
VDD = 2.5V
110
Bridge-tied load,
VDD = 3.6V
230
THD = 1%, f = 1 kHz, Gain = 0.1 dB
VDD = 5V
290
f = 100 Hz
0.0029%
Total harmonic distortion
THD+N
PO = 35 mW
f = 1 kHz
0.0055%
plus noise
f = 20 kHz
0.0027%
200 mVpp ripple, f = 217 Hz
-97
-90
kSVR
Supply ripple rejection ratio
200 mVpp ripple, f = 1 kHz
-93
dB
200 mVpp ripple, f = 20 kHz
-76
∆A
v
Gain matching
1%
Slew rate
0.3
V/µs
Vn
Noise output voltage
VDD = 3.6V, A-weighted, Gain = 0.1 dB
9
µVRMS
Charge pump switching
fosc
300
400
500
kHz
frequency
Start-up time from shutdown
5
ms
Differential input impedance
See Figure 33
SNR
Signal-to-noise ratio
Po = 35 mW
98
dB
Threshold
180
°C
Thermal shutdown
Hysteresis
35
°C
Tri-state HP output
ZO
HiZ left and right bits set. HP amps disabled. DC value.
25
M
impedance
CO
Output capacitance
80
pF
6


Número de pieza similar - TPA6130A2YZH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6130A2YZH TI-TPA6130A2YZH Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2YZHR TI-TPA6130A2YZHR Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2YZHR TI-TPA6130A2YZHR Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2YZHR TI1-TPA6130A2YZHR Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
TPA6130A2YZHR TI1-TPA6130A2YZHR Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
More results

Descripción similar - TPA6130A2YZH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
TPA6130A2 TI-TPA6130A2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA6130A2 138-mW DIRECTPATH??Stereo Headphone Amplifier with I2C Volume Control
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com