Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6203A1DGN Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA6203A1DGN
Descripción Electrónicos  1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA6203A1DGN Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA6203A1DGN Datasheet HTML 2Page - Texas Instruments TPA6203A1DGN Datasheet HTML 3Page - Texas Instruments TPA6203A1DGN Datasheet HTML 4Page - Texas Instruments TPA6203A1DGN Datasheet HTML 5Page - Texas Instruments TPA6203A1DGN Datasheet HTML 6Page - Texas Instruments TPA6203A1DGN Datasheet HTML 7Page - Texas Instruments TPA6203A1DGN Datasheet HTML 8Page - Texas Instruments TPA6203A1DGN Datasheet HTML 9Page - Texas Instruments TPA6203A1DGN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
8
13
18
23
28
VDD = 5 V
VDD = 3.6 V
VDD = 2.5 V
RL - Load Resistance - Ω
f = 1 kHz
THD+N = 10%
Gain = 1 V/V
32
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2.5
3
3.5
4
4.5
5
VDD - Supply Voltage - V
RL = 8 Ω
f = 1 kHz
Gain = 1 V/V
THD+N = 1%
THD+N = 10%
0
0.2
0.4
0.6
0.8
1
1.2
1.4
8
13
18
23
28
VDD = 5 V
VDD = 3.6 V
VDD = 2.5 V
RL - Load Resistance - Ω
f = 1 kHz
THD+N = 1%
Gain = 1 V/V
32
0
10
20
30
40
50
60
70
80
90
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
PD - Power Dissipation - W
ZQV Package Only
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
0.2
0.4
0.6
0.8
8
16
PO - Output Power - W
VDD = 3.6 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
8
16
PO - Output Power - W
VDD = 5 V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
VDD = 5 V
CI = 2 µF
RL = 8 Ω
C(Bypass) = 0 to 1 µF
Gain = 1 V/V
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20 k
100 200
1 k 2 k
10 k
f - Frequency - Hz
50 mW
250 mW
1 W
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10 m
3
100 m
1
2
PO - Output Power - W
2.5 V
3.6 V
5 V
RL = 8 Ω, f = 1 kHz
C(Bypass) = 0 to 1 µF
Gain = 1 V/V
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10 m
100 m
1
2
PO - Output Power - W
2.5 V
5 V
3.6 V
RL = 16 Ω
f = 1 kHz
C(Bypass) = 0 to 1 µF
Gain = 1 V/V
TPA6203A1
SLOS364E – MARCH 2002 – REVISED DECEMBER 2005
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
vs
vs
vs
SUPPLY VOLTAGE
LOAD RESISTANCE
LOAD RESISTANCE
Figure 1.
Figure 2.
Figure 3.
POWER DISSIPATION
POWER DISSIPATION
MAXIMUM AMBIENT
vs
vs
TEMPERATURE
OUTPUT POWER
OUTPUT POWER
vs
POWER DISSIPATION
Figure 4.
Figure 5.
Figure 6.
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
NOISE
NOISE
NOISE
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
FREQUENCY
Figure 7.
Figure 8.
Figure 9.
6


Número de pieza similar - TPA6203A1DGN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6203A1DGN TI1-TPA6203A1DGN Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1DGN TI-TPA6203A1DGN Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1DGNG4 TI1-TPA6203A1DGNG4 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1DGNR TI1-TPA6203A1DGNR Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1DGNR TI-TPA6203A1DGNR Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA6203A1DGN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6205A1 TI1-TPA6205A1 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6203 UTC-PA6203_15 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com