Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6204A1DRBG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA6204A1DRBG4
Descripción Electrónicos  1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA6204A1DRBG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPA6204A1DRBG4 Datasheet HTML 1Page - Texas Instruments TPA6204A1DRBG4 Datasheet HTML 2Page - Texas Instruments TPA6204A1DRBG4 Datasheet HTML 3Page - Texas Instruments TPA6204A1DRBG4 Datasheet HTML 4Page - Texas Instruments TPA6204A1DRBG4 Datasheet HTML 5Page - Texas Instruments TPA6204A1DRBG4 Datasheet HTML 6Page - Texas Instruments TPA6204A1DRBG4 Datasheet HTML 7Page - Texas Instruments TPA6204A1DRBG4 Datasheet HTML 8Page - Texas Instruments TPA6204A1DRBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TPA6204A1
SLOS429 − MAY 2004
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PACKAGED DEVICE
QFN (DRB)
MSOP (DGN)
Device
TPA6204A1DRB
TPA6204A1DGN
Symbolization
AYJ
TBD
(1) The DRB is only available taped and reeled. To order taped and reeled parts, add the suffix R to the part number (TPA6204A1DRBR).
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
DRB
I/O
DESCRIPTION
IN−
4
I
Negative differential input
IN+
3
I
Positive differential input
VDD
6
I
Power supply
VO+
5
O
Positive BTL output
GND
7
I
High-current ground
VO−
8
O
Negative BTL output
SHUTDOWN
1
I
Shutdown terminal (active low logic)
BYPASS
2
Mid-supply voltage, adding a bypass capacitor improves PSRR
Thermal Pad
Connect to ground. Thermal pad must be soldered down in all applications to properly secure device
on the PCB.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNIT
Supply voltage, VDD
−0.3 V to 6 V
Input voltage, VI
−0.3 V to VDD + 0.3 V
Continuous total power dissipation
See Dissipation Rating Table
Operating free-air temperature, TA
−40
°C to 85°C
Junction temperature, TJ
−40
°C to 150°C
Storage temperature, Tstg
−65
°C to 85°C
Lead temperature 1,6 mm (1/16 Inch) from case for 10 seconds
DRB
260
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE DISSIPATION RATINGS
PACKAGE
TA ≤ 25°C
DERATING FACTOR(1)
TA = 70°C
TA = 85°C
PACKAGE
TA ≤ 25 C
POWER RATING
DERATING FACTOR(1)
TA = 70 C
POWER RATING
TA = 85 C
POWER RATING
DRB
2.7 W
21.8 mW/
°C
1.7 W
1.4 W
(1))Derating factor based on high-k board layout.
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage, VDD
2.5
5.5
V
High-level input voltage, VIH
SHUTDOWN
1.55
V
Low-level input voltage, VIL
SHUTDOWN
0.5
V
Operating free-air temperature, TA
−40
85
°C


Número de pieza similar - TPA6204A1DRBG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6204A1DRBG4 TI1-TPA6204A1DRBG4 Datasheet
1Mb / 26P
[Old version datasheet]   1.7-W Mono Fully Differential Audio Power Amplifier
More results

Descripción similar - TPA6204A1DRBG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6204A1 TI-TPA6204A1 Datasheet
244Kb / 15P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
SeCoS Halbleitertechnol...
SPEMA2004A SECOS-SPEMA2004A Datasheet
240Kb / 5P
   1.7W Mono Fully Differential Audio Power Amplifier
logo
Eutech Microelectronics...
EUA6204A EUTECH-EUA6204A Datasheet
384Kb / 11P
   3W Mono Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA0715 ANPEC-APA0715 Datasheet
430Kb / 25P
   3W Mono Fully Differential Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA6203 HMSEMI-HMA6203 Datasheet
1,015Kb / 12P
   1.25W Mono Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA0714 ANPEC-APA0714 Datasheet
462Kb / 25P
   3W Mono Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com