Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6211A1DRB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA6211A1DRB
Descripción Electrónicos  3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA6211A1DRB Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA6211A1DRB Datasheet HTML 6Page - Texas Instruments TPA6211A1DRB Datasheet HTML 7Page - Texas Instruments TPA6211A1DRB Datasheet HTML 8Page - Texas Instruments TPA6211A1DRB Datasheet HTML 9Page - Texas Instruments TPA6211A1DRB Datasheet HTML 10Page - Texas Instruments TPA6211A1DRB Datasheet HTML 11Page - Texas Instruments TPA6211A1DRB Datasheet HTML 12Page - Texas Instruments TPA6211A1DRB Datasheet HTML 13Page - Texas Instruments TPA6211A1DRB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.ti.com
C1
Frequency
217 Hz
C1 − Duty
20%
C1 Pk−Pk
500 mV
Ch1 100 mV/div
Ch4 10 mV/div
2 ms/div
VDD
VOUT
t − Time − ms
RL = 8 Ω
CI = 2.2 µF
C(BYPASS) = 0.47 µF
−180
−160
−140
−120
−100
0
400
800
1200
1600
2000
−150
−100
−50
0
f − Frequency − Hz
VDD Shown in Figure 19,
RL = 8 Ω,
CI = 2.2 µF,
Inputs Grounded
C(BYPASS) = 0.47 µF
TPA6211A1
SLOS367B – AUGUST 2003 – REVISED AUGUST 2004
GSM POWER SUPPLY REJECTION
vs
TIME
Figure 19.
GSM POWER SUPPLY REJECTION
vs
FREQUENCY
Figure 20.
10


Número de pieza similar - TPA6211A1DRB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6211A1DRB TI-TPA6211A1DRB Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1DRB TI1-TPA6211A1DRB Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1DRB TI1-TPA6211A1DRB Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1DRBG4 TI1-TPA6211A1DRBG4 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1DRBG4 TI1-TPA6211A1DRBG4 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
More results

Descripción similar - TPA6211A1DRB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1 TI-TPA6211A1 Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_15 Datasheet
874Kb / 32P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1-Q1 TI1-TPA6211A1-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   TPA6211A1-Q1 3.1-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com