Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6203A1DGNR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA6203A1DGNR
Descripción Electrónicos  1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA6203A1DGNR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA6203A1DGNR Datasheet HTML 4Page - Texas Instruments TPA6203A1DGNR Datasheet HTML 5Page - Texas Instruments TPA6203A1DGNR Datasheet HTML 6Page - Texas Instruments TPA6203A1DGNR Datasheet HTML 7Page - Texas Instruments TPA6203A1DGNR Datasheet HTML 8Page - Texas Instruments TPA6203A1DGNR Datasheet HTML 9Page - Texas Instruments TPA6203A1DGNR Datasheet HTML 10Page - Texas Instruments TPA6203A1DGNR Datasheet HTML 11Page - Texas Instruments TPA6203A1DGNR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
www.ti.com
f - Frequency - Hz
0
-50
-100
0
200 400 600 800 1k 1.2k 1.4k 1.6k 1.8k 2k
-150
-150
-100
0
-50
VDD Shown in Figure 19
CI = 2 µF,
C(Bypass) = 0.47 µF,
Inputs ac-Grounded
Gain = 1V/V
C1
Frequency
217.41 Hz
C1 - Duty
20 %
C1 High
3.598 V
C1 Pk-Pk
504 mV
Ch1 100 mV/div
Ch4 10 mV/div
2 ms/div
t - Time - ms
VDD
VO
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20 k
50 100 200
500 1 k 2 k
5 k 10 k
f - Frequency - Hz
VDD = 2.5 V to 5 V
VIC = 200 mVp-p
RL = 8 Ω
Gain = 1 V/V
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
40
10
100
10 k
100 k 1 M
10 M
-220
-180
-140
-100
-60
-20
20
60
100
140
180
220
1 k
f - Frequency - Hz
Gain
Phase
VDD = 3.6 V
RL = 8 Ω
Gain = 1 V/V
-200
-150
-100
-50
0
50
100
150
200
100
1 k
10 k
100 k
1 M
-200
-150
-100
-50
0
50
100
150
200
f - Frequency - Hz
Gain
Phase
VDD = 3.6 V
RL = 8 Ω
10 M
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
0.5 1
1.5 2
2.5 3
3.5 4
4.5 5
RL = 8 Ω
Gain = 1 V/V
VIC - Common Mode Input Voltage - V
VDD = 3.6 V
VDD = 5 V
VDD = 2.5 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0 0.5 1
1.5 2 2.5
3 3.5
4 4.5 5
5.5
VDD - Supply Voltage - V
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1
1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9
2
VDD = 2.5 V
VDD = 3.6 V
VDD = 5 V
Voltage on SHUTDOWN Terminal - V
0.2
0
1
2
3
4
5
6
0
0.5
1
1.5
2
C(Bypass) - Bypass Capacitor - µF
(1) Start-Up time is the time it takes (from a
low-to-high transition on SHUTDOWN) for the
gain of the amplifier to reach -3 dB of the final
gain.
TPA6203A1
SLOS364E – MARCH 2002 – REVISED DECEMBER 2005
TYPICAL CHARACTERISTICS (continued)
GSM POWER SUPPLY
GSM POWER SUPPLY
COMMON MODE REJECTION RATIO
REJECTION
REJECTION
vs
vs
vs
FREQUENCY
TIME
FREQUENCY
Figure 19.
Figure 20.
Figure 21.
COMMON MODE REJECTION RATIO
CLOSED LOOP GAIN/PHASE
OPEN LOOP GAIN/PHASE
vs
vs
vs
COMMON MODE INPUT VOLTAGE
FREQUENCY
FREQUENCY
Figure 22.
Figure 23.
Figure 24.
SUPPLY CURRENT
SUPPLY CURRENT
START-UP TIME(1)
vs
vs
vs
SUPPLY VOLTAGE
SHUTDOWN VOLTAGE
BYPASS CAPACITOR
Figure 25.
Figure 26.
Figure 27.
8


Número de pieza similar - TPA6203A1DGNR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6203A1DGNR TI1-TPA6203A1DGNR Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1DGNR TI-TPA6203A1DGNR Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1DGNRG4 TI1-TPA6203A1DGNRG4 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA6203A1DGNR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6205A1 TI1-TPA6205A1 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6203 UTC-PA6203_15 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com