Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


2N6071A_06 Datasheet(Hoja de datos) 5 Page - ON Semiconductor

No. de Pieza. 2N6071A_06
Descripción  Sensitive Gate Triacs Silicon Bidirectional Thyristors
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

   
 5 page
background image
2N6071A/B Series
http://onsemi.com
5
IT(AV), AVERAGE ON-STATE CURRENT (AMP)
140
120
100
80
60
40
20
0
−20
−40
−60
0.3
0.5
0.7
1.0
2.0
2.0
3.0
0.5
0.3
0.7
1.0
120
3.0
−60
−40
−20
0
20
40
60
80
100
140
OFF-STATE VOLTAGE = 12 Vdc
ALL MODES
OFF-STATE VOLTAGE = 12 Vdc
ALL MODES
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
120°
90°
30°
dc
0
2.0
4.0
8.0
6.0
4.0
3.0
2.0
1.0
IT(RMS), RMS ON-STATE CURRENT (AMP)
3.0
0
0
2.0
4.0
6.0
0
1.0
2.0
8.0
4.0
α = 30°
60°
90°
120°
180°
dc
IT(AV), AVERAGE ON-STATE CURRENT (AMP)
80
3.0
90
70
100
0
1.0
2.0
110
4.0
60°
120°
dc
α = CONDUCTION ANGLE
a
a
a
α = CONDUCTION ANGLE
a
70
80
3.0
100
0
1.0
2.0
90
α
a
110
120°
180°
dc
90°
α = 30°
a
a
α = CONDUCTION ANGLE
4.0
IT(RMS), RMS ON-STATE CURRENT (AMP)
180°
α = 30°
90°
α = CONDUCTION ANGLE
60°
60°
α = 180°
Figure 1. Average Current Derating
Figure 2. RMS Current Derating
Figure 3. Power Dissipation
Figure 4. Power Dissipation
Figure 5. Typical Gate−Trigger Voltage
Figure 6. Typical Gate−Trigger Current




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MAC8SSensitive Gate Triacs Silicon Bidirectional Thyristors 1 2 3 4 5 MoreON Semiconductor
MAC15SSensitive Gate Triacs Silicon Bidirectional Thyristors 1 2 3 4 5 MoreON Semiconductor
MAC97Sensitive Gate Triacs Silicon Bidirectional Thyristors 1 2 3 4 5 MoreON Semiconductor
MAC224Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors 1 2 3 4 Motorola, Inc
MAC224ATriacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors 1 2 3 4 Motorola, Inc
MAC224ATriacs Silicon Bidirectional Thyristors 1 2 3 4 5 MoreON Semiconductor
T0805XHSENSITIVE GATE TRIACS 1 2 3 4 5 STMicroelectronics
BTA206-A Silicon Triacs For Power-Control and Power-Switching Applications 1 2 3 4 5 GE Solid State
MTM55N10N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS POWER FIELD EFFECT TRANSISTOR 1 2 3 4 5 Motorola, Inc
MAC1515-A Silicon Triacs 1 2 3 4 GE Solid State

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl