Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N6348A Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza 2N6348A
Descripción Electrónicos  Triacs Silicon Bidirectional Thyristors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6348A Datasheet(HTML) 2 Page - ON Semiconductor

  2N6348A Datasheet HTML 1Page - ON Semiconductor 2N6348A Datasheet HTML 2Page - ON Semiconductor 2N6348A Datasheet HTML 3Page - ON Semiconductor 2N6348A Datasheet HTML 4Page - ON Semiconductor 2N6348A Datasheet HTML 5Page - ON Semiconductor 2N6348A Datasheet HTML 6Page - ON Semiconductor 2N6348A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2N6344A, 2N6348A, 2N6349A
http://onsemi.com
2
MAXIMUM RATINGS
Characteristics
Symbol
Value
Unit
*Peak Repetitive Off−State Voltage (Note 1)
(Gate Open, TJ = −40 to +110°C, Sine Wave 50 to 60 Hz, Gate Open)
2N6344A, 2N6348A
2N6349A
VDRM,
VRRM
600
800
V
*On−State RMS Current (Full Cycle Sine Wave 50 to 60 Hz)
(TC = +80°C)
(TC = +95°C)
IT(RMS)
12
6.0
A
*Peak Non−repetitive Surge Current (One Full Cycle, 60 Hz, TC = +80°C)
Preceded and followed by rated current
ITSM
100
A
Circuit Fusing Consideration (t = 8.3 ms)
I2t
59
A2s
*Peak Gate Power (TC = +80°C, Pulse Width = 2.0 ms)
PGM
20
W
*Average Gate Power (TC = +80°C, t = 8.3 ms)
PG(AV)
0.5
W
*Peak Gate Current (Pulse Width = 2.0
ms; TC = +80°C)
IGM
2.0
A
*Peak Gate Voltage (Pulse Width = 2.0
ms; TC = +80°C)
VGM
"10
V
*Operating Junction Temperature Range
TJ
−40 to +125
°C
*Storage Temperature Range
Tstg
−40 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
*Indicates JEDEC Registered Data.
1. VDRM and VRRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source such
that the voltage ratings of the devices are exceeded.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
*Thermal Resistance, Junction−to−Case
RqJC
2.0
°C/W
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 10 Seconds
TL
260
°C
ORDERING INFORMATION
Device
Package
Shipping
2N6344A
TO−220AB
500 Units / Box
2N6344AG
TO−220AB
(Pb−Free)
2N6348A
TO−220AB
2N6348AG
TO−220AB
(Pb−Free)
2N6349A
TO−220AB
2N6349AG
TO−220AB
(Pb−Free)


Número de pieza similar - 2N6348A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N6348A ONSEMI-2N6348A Datasheet
61Kb / 8P
   Silicon Bidirectional Thyristors
February, 2000 ??Rev. 1
logo
New Jersey Semi-Conduct...
2N6348A NJSEMI-2N6348A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Kersemi Electronic Co.,...
2N6348A KERSEMI-2N6348A Datasheet
403Kb / 6P
   Silicon Bidirectional Thyristors
More results

Descripción similar - 2N6348A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
BTB08-600BW3G ONSEMI-BTB08-600BW3G Datasheet
90Kb / 6P
   Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
BTB16-600BW3G ONSEMI-BTB16-600BW3G Datasheet
157Kb / 6P
   Triacs Silicon Bidirectional Thyristors
May, 2009 ??Rev. 2
MAC4DCM ONSEMI-MAC4DCM_06 Datasheet
83Kb / 8P
   Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC9 ONSEMI-MAC9_05 Datasheet
65Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC12D ONSEMI-MAC12D Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
MAC12HCD ONSEMI-MAC12HCD_05 Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
logo
Kersemi Electronic Co.,...
MAC9D KERSEMI-MAC9D Datasheet
399Kb / 6P
   Triacs Silicon Bidirectional Thyristors
MAC12HCD KERSEMI-MAC12HCD Datasheet
415Kb / 6P
   Triacs Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA08-600BW3G ONSEMI-BTA08-600BW3G Datasheet
137Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
BTA12-600BW3G ONSEMI-BTA12-600BW3G Datasheet
146Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com