Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2N6075B Datasheet(PDF) 2 Page - ON Semiconductor

No. de Pieza. 2N6075B
Descripción  Sensitive Gate Triacs Silicon Bidirectional Thyristors
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

2N6075B Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2N6071A/B Series
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
*Peak Repetitive Off-State Voltage (Note 1)
(TJ = *40 to 110°C, Sine Wave, 50 to 60 Hz, Gate Open)
2N6071A,B
2N6073A,B
2N6075A,B
VDRM,
VRRM
200
400
600
V
*On-State RMS Current (TC = 85°C) Full Cycle Sine Wave 50 to 60 Hz
IT(RMS)
4.0
A
*Peak Non−repetitive Surge Current (One Full cycle, 60 Hz, TJ = +110°C)
ITSM
30
A
Circuit Fusing Considerations (t = 8.3 ms)
I2t
3.7
A2s
*Peak Gate Power (Pulse Width
≤ 1.0 ms, TC = 85°C)
PGM
10
W
*Average Gate Power (t = 8.3 ms, TC = 85°C)
PG(AV)
0.5
W
*Peak Gate Voltage (Pulse Width
≤ 1.0 ms, TC = 85°C)
VGM
5.0
V
*Operating Junction Temperature Range
TJ
−40 to +110
°C
*Storage Temperature Range
Tstg
−40 to +150
°C
Mounting Torque (6-32 Screw) (Note 2)
8.0
in. lb.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. VDRM and VRRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source such
that the voltage ratings of the devices are exceeded.
2. Torque rating applies with use of a compression washer. Mounting torque in excess of 6 in. lb. does not appreciably lower case-to-sink thermal
resistance. Main terminal 2 and heatsink contact pad are common.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
*Thermal Resistance, Junction−to−Case
RqJC
3.5
°C/W
Thermal Resistance, Junction−to−Ambient
RqJA
75
°C/W
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 10 Seconds
TL
260
°C
*Indicates JEDEC Registered Data.


Html Pages

1  2  3  4  5  6  7  8