Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N6267ARL4G Datasheet(PDF) 6 Page - ON Semiconductor |
|
1N6267ARL4G Datasheet(HTML) 6 Page - ON Semiconductor |
6 / 7 page 1N6267A Series http://onsemi.com 6 ambient temperature rises above 25 °C. The average power derating curve normally given on data sheets may be normalized and used for this purpose. At first glance the derating curves of Figure 7 appear to be in error as the 10 ms pulse has a higher derating factor than the 10 ms pulse. However, when the derating factor for a given pulse of Figure 7 is multiplied by the peak power value of Figure 1 for the same pulse, the results follow the expected trend. TYPICAL PROTECTION CIRCUIT Vin VL V Vin Vin (TRANSIENT) VL td V VL Vin (TRANSIENT) Zin LOAD OVERSHOOT DUE TO INDUCTIVE EFFECTS tD = TIME DELAY DUE TO CAPACITIVE EFFECT t t Figure 8. Figure 9. UL RECOGNITION* The entire series has Underwriters Laboratory Recognition for the classification of protectors (QVGV2) under the UL standard for safety 497B and File #E210057. Many competitors only have one or two devices recognized or have recognition in a non-protective category. Some competitors have no recognition at all. With the UL497B recognition, our parts successfully passed several tests including Strike Voltage Breakdown test, Endurance Conditioning, Temperature test, Dielectric Voltage- Withstand test, Discharge test and several more. Whereas, some competitors have only passed a flammability test for the package material, we have been recognized for much more to be included in their Protector category. *Applies to 1.5KE6.8A, CA thru 1.5KE250A, CA CLIPPER BIDIRECTIONAL DEVICES 1. Clipper-bidirectional devices are available in the 1.5KEXXA series and are designated with a “CA” suffix; for example, 1.5KE18CA. Contact your nearest ON Semiconductor representative. 2. Clipper-bidirectional part numbers are tested in both directions to electrical parameters in preceding table (except for VF which does not apply). 3. The 1N6267A through 1N6303A series are JEDEC registered devices and the registration does not include a “CA” suffix. To order clipper-bidirectional devices one must add CA to the 1.5KE device title. |
Número de pieza similar - 1N6267ARL4G |
|
Descripción similar - 1N6267ARL4G |